Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42428 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS42428 Datasheet HTML 44Page - Cirrus Logic CS42428 Datasheet HTML 45Page - Cirrus Logic CS42428 Datasheet HTML 46Page - Cirrus Logic CS42428 Datasheet HTML 47Page - Cirrus Logic CS42428 Datasheet HTML 48Page - Cirrus Logic CS42428 Datasheet HTML 49Page - Cirrus Logic CS42428 Datasheet HTML 50Page - Cirrus Logic CS42428 Datasheet HTML 51Page - Cirrus Logic CS42428 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
CS42428
48
5.21.2 CHANNEL MUTES SELECT (M_AOUTXX)
Default = 11111
0 - Channel mute is not mapped to the MUTEC pin
1 - Channel mute is mapped to the MUTEC pin
Function:
Determines which channel mutes will be mapped to the MUTEC pin. If no channel mute bits are
mapped, then the MUTEC pin is driven to the "active" state as defined by the POLARITY bit. These
Channel Mute Select bits are "ANDed" together in order for the MUTEC pin to go active. This means
that if multiple Channel Mutes are selected to be mapped to the MUTEC pin, then all corresponding
channels must be muted before the MUTEC will go active.
5.22
General Purpose Pin Control (addresses 29h to 2Fh)
5.22.1 MODE CONTROL (MODEX)
Default = 00
00 - Reserved
01 - Mute Mode
10 - GPO/Overflow Mode
11 - GPO, Drive High Mode
Function:
Mute Mode - The pin is configured as a dedicated mute pin. The muting function is controlled by the
Function bits.
GPO/Overflow Mode - The pin is configured as a general purpose output driven low or as a dedicated
ADC overflow pin indicating an over-range condition anywhere in the ADC signal path for either the
left or right channel. The Functionx bits determine the operation of the pin. When configured as a GPO
with the output driven low, the driver is a CMOS driver. When configured to identify an ADC Overflow
condition, the driver is an open drain driver requiring a pull-up resistor.
GPO, Drive High Mode - The pin is configured as a general purpose output driven high.
5.22.2 POLARITY SELECT (POLARITY)
Default = 0
Function:
Mute Mode - If the pin is configured as a dedicated mute output pin, then the polarity bit determines
the polarity of the mapped pin according to the following
0 - Active low
1 - Active high
GPO/Overflow Mode - If the pin is configured as a GPO/Overflow Mode pin, the polarity bit is ignored.
It is recommended that in this mode this bit be set to 0.
GPO, Drive High Mode - If the pin is configured as a general purpose output driven high, the polarity
bit is ignored. It is recommended that in this mode this bit be set to 0.
76543
210
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com