Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42428 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42428 Datasheet HTML 16Page - Cirrus Logic CS42428 Datasheet HTML 17Page - Cirrus Logic CS42428 Datasheet HTML 18Page - Cirrus Logic CS42428 Datasheet HTML 19Page - Cirrus Logic CS42428 Datasheet HTML 20Page - Cirrus Logic CS42428 Datasheet HTML 21Page - Cirrus Logic CS42428 Datasheet HTML 22Page - Cirrus Logic CS42428 Datasheet HTML 23Page - Cirrus Logic CS42428 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
CS42428
20
DAC_LRCK
A DC _LRC K
DA C_S CLK
A DC_S CLK
LSB
MS B
20 clks
6 4 clks
64 clks
LS B
MS B
LS B
MS B
LS B
MS B
LSB
MS B
LSB
MS B
MS B
DA C 1
DAC3
DAC5
DA C2
DA C4
D AC6
20 clks
2 0 clks
20 clks
20 clks
20 clks
Left C hannel
Right C hannel
20 clks
DAC7
DAC8
20 clks
DA C_SD IN 4
20 clks
ADC 1
ADC3
ADC5
ADC2
ADC4
ADC6
20 clks
2 0 clks
20 clks
20 clks
20 clks
ADC _SD OUT
DA C_SD IN 1
Figure 10. One Line Mode #1 Serial Audio Format
One Line Data Mode #1, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
20
128 Fs
128 Fs
single-speed mode
128 Fs
128Fs
double-speed mode
LSB
MSB
24 clks
128 clks
LS B
MSB
LS B
MSB
LSB
MSB
LS B
MSB
LSB
MSB
MSB
DAC1
DAC3
DAC5
DAC2
DAC4
DAC6
24 clks
24 clks
24 clks
24 clks
24 clks
Left Channel
Right C hannel
24 clks
DAC7
DAC8
24 clks
24 clks
ADC 1
ADC 3
ADC 5
ADC2
ADC 4
ADC6
24 clks
24 clks
24 clks
24 clks
24 clks
128 clks
DAC_LRCK
AD C_LRC K
DAC_SCLK
ADC_SCLK
ADC_SDOUT
DAC_SD IN1
DAC_SD IN4
Figure 11. One Line Mode #2 Serial Audio Format
One Line Data Mode #2, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
24
256 Fs
not supported
single-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com