Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42428 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42428 Datasheet HTML 9Page - Cirrus Logic CS42428 Datasheet HTML 10Page - Cirrus Logic CS42428 Datasheet HTML 11Page - Cirrus Logic CS42428 Datasheet HTML 12Page - Cirrus Logic CS42428 Datasheet HTML 13Page - Cirrus Logic CS42428 Datasheet HTML 14Page - Cirrus Logic CS42428 Datasheet HTML 15Page - Cirrus Logic CS42428 Datasheet HTML 16Page - Cirrus Logic CS42428 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
13
CS42428
Each of the GPO1-GPO7 can be programmed to provide a hardware MUTE signal to individual circuits.
Each pin can be programmed as an output, with specific muting capabilities as defined by the function bits
in the register “General Purpose Pin Control (addresses 29h to 2Fh)” on page 48.
3.3.4
ATAPI Specification
The CS42428 implements the channel mixing functions of the ATAPI CD-ROM specification. The
ATAPI functions are applied per A-B pair. Refer to Table 15 on page 44 and Figure 5 for additional infor-
mation.
ΣΣ
A Channel
Volum e
Control
AOUT Ax
AO UTBx
Left Channel
Audio Data
Right Channel
Audio Data
B Channel
Volume
Control
MUT E
MUT E
DA C_SDINx
Figure 5. ATAPI Block Diagram (x = channel pair 1, 2, 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com