Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42428 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42428 Datasheet HTML 27Page - Cirrus Logic CS42428 Datasheet HTML 28Page - Cirrus Logic CS42428 Datasheet HTML 29Page - Cirrus Logic CS42428 Datasheet HTML 30Page - Cirrus Logic CS42428 Datasheet HTML 31Page - Cirrus Logic CS42428 Datasheet HTML 32Page - Cirrus Logic CS42428 Datasheet HTML 33Page - Cirrus Logic CS42428 Datasheet HTML 34Page - Cirrus Logic CS42428 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
31
CS42428
19h
Mixing Ctrl Pair 2
P2_A=B
Reserved
Reserved
P2_ATAPI4
P2_ATAPI3
P2_ATAPI2
P2_ATAPI1
P2_ATAPI0
default
0
0
0
0
1
0
0
1
1Ah
Mixing Ctrl Pair 3
P3_A=B
Reserved
Reserved
P3_ATAPI4
P3_ATAPI3
P3_ATAPI2
P3_ATAPI1
P3_ATAPI0
default
0
0
0
0
1
0
0
1
1Bh
Mixing Ctrl Pair 4
P4_A=B
Reserved
Reserved
P4_ATAPI4
P4_ATAPI3
P4_ATAPI2
P4_ATAPI1
P4_ATAPI0
default
0
0
0
0
1
0
0
1
1Ch
ADC Left Ch.
Gain
Reserved
Reserved
LGAIN5
LGAIN4
LGAIN3
LGAIN2
LGAIN1
LGAIN0
default
0
0
0
0
0
0
0
0
1Dh
ADC Right Ch.
Gain
Reserved
Reserved
RGAIN5
RGAIN4
RGAIN3
RGAIN2
RGAIN1
RGAIN0
default
0
0
0
0
0
0
0
0
1Eh
Interrupt Control
SP_SYNC
Reserved
DE-EMPH1
DE-EMPH0
INT1
INT0
Reserved
Reserved
default
0
0
0
0
0
0
0
0
1Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
0
0
0
0
0
0
20h
Interrupt Status
UNLOCK
Reserved
Reserved
Reserved
Reserved
Reserved
OverFlow
Reserved
default
X
X
X
X
X
X
X
X
21h
Interrupt Mask
UNLOCKM
Reserved
Reserved
Reserved
Reserved
Reserved
OverFlowM
Reserved
default
0
0
0
0
0
0
0
0
22h
Interrupt Mode
MSB
UNLOCK1
Reserved
Reserved
Reserved
Reserved
Reserved
OF1
Reserved
default
0
0
0
0
0
0
0
0
23h
Interrupt Mode
LSB
UNLOCK0
Reserved
Reserved
Reserved
Reserved
Reserved
OF0
Reserved
default
0
0
0
0
0
0
0
0
24h-
27h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
0
0
0
0
0
0
28h
MUTEC
Reserved
Reserved
MCPolarity
M_AOUTA1 M_AOUTB1 M_AOUTA2
M_AOUTB2
M_AOUTA3
M_AOUTB3
M_AOUTA4
M_AOUTB4
default
0
0
0
1
1
1
1
1
29h
GPO7
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Ah
GPO6
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Bh
GPO5
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Ch
GPO4
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Dh
GPO3
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Eh
GPO2
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
2Fh
GPO1
Mode1
Mode0
Polarity
Function4
Function3
Function2
Function1
Function0
default
0
0
0
0
0
0
0
0
Addr
Function
76543
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com