Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42428 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS42428
Description  114 dB, 192kHz 8-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42428 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS42428 Datasheet HTML 57Page - Cirrus Logic CS42428 Datasheet HTML 58Page - Cirrus Logic CS42428 Datasheet HTML 59Page - Cirrus Logic CS42428 Datasheet HTML 60Page - Cirrus Logic CS42428 Datasheet HTML 61Page - Cirrus Logic CS42428 Datasheet HTML 62Page - Cirrus Logic CS42428 Datasheet HTML 63Page - Cirrus Logic CS42428 Datasheet HTML 64Page - Cirrus Logic CS42428 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
61
CS42428
SWITCHING CHARACTERISTICS (For CQ, T
A = -10 to +70° C; For DQ, TA = -40 to +85° C;
VA = 5 V, VD =VLC= 3.3 V, VLS = 1.8 V to 5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VLS, CL = 30 pF)
Notes: 13. After powering up the CS42428, RST should be held low after the power supplies and clocks are settled.
14. See Table 2 on page 15 for suggested OMCK frequencies
15. Limit the loading on RMCK to 1 CMOS load if operating above 24.576 MHz.
Parameters
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
(Note 13)
1
-
-
ms
PLL Clock Recovery Sample Rate Range
30
-
200
kHz
RMCK output jitter
(Note 15)
-
200
-
ps RMS
RMCK output duty cycle
45
50
55
%
OMCK Duty Cycle
(Note 14)
40
50
60
%
DAC_SCLK, ADC_SCLK Duty Cycle
45
50
55
%
DAC_LRCK, ADC_LRCK Duty Cycle
45
50
55
%
Master Mode
RMCK to DAC_SCLK, ADC_SCLK active edge delay
tsmd
0-
10
ns
RMCK to DAC_LRCK, ADC_LRCK delay
tlmd
0-
10
ns
Slave Mode
DAC_SCLK, ADC_SCLK Falling Edge to
ADC_SDOUT, ADC_SDOUT Output Valid
tdpd
-50
ns
DAC_LRCK, ADC_LRCK Edge to MSB Valid
tlrpd
-20
ns
DAC_SDIN Setup Time Before DAC_SCLK Rising
Edge
tds
-10
ns
DAC_SDIN Hold Time After DAC_SCLK Rising Edge
tdh
-30
ns
DAC_SCLK, ADC_SCLK High Time
tsckh
20
-
-
ns
DAC_SCLK, ADC_SCLK Low Time
tsckl
20
-
-
ns
DAC_SCLK, ADC_SCLK rising to DAC_LRCK,
SAI_LRCK Edge
tlrckd
25
-
-
ns
DAC_LRCK, ADC_LRCK Edge to DAC_SCLK,
ADC_SCLK Rising
tlrcks
25
-
-
ns
DAC_SCLK
ADC_SCLK
(output)
RM CK
t
smd
t
lmd
DAC_LRCK
ADC_LRCK
(output)
sckh
sckl
t
t
MSB
MS B-1
tdpd
ADC _ SD OU T
DAC _S DIN x
dh
t
ds
t
lrpd
t
lrcks
t
lrckd
t
DA C_ SC LK
AD C_ SC LK
(in put)
DA C_ LR CK
AD C_ LR CK
(inp ut)
Figure 56. Serial Audio Port Master Mode Timing
Figure 57. Serial Audio Port Slave Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com