Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A-IL3 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 43Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 44Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 45Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 46Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 47Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 48Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 49Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 50Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
CS61584A
DS261PP5
47
DS261PP5
68L PLCC PACKAGE DRAWING
D1
D
E1 E
D2/E2
B
e
A1
A
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.165
0.1825
0.200
4.191
4.6355
5.08
A1
0.090
0.105
0.130
2.286
2.667
3.302
B
0.013
0.017
0.021
0.3302
0.4318
0.533
D
0.985
0.990
0.995
25.019
25.146
25.273
D1
0.950
0.953
0.958
24.13
24.206
24.333
D2
0.890
0.910
0.930
22.606
23.114
23.622
E
0.985
0.990
0.995
25.019
25.146
25.273
E1
0.950
0.953
0.958
24.13
24.206
24.333
E2
0.890
0.910
0.930
22.606
23.114
23.622
e
0.040
0.050
0.060
1.016
1.270
1.524
JEDEC #: MS-047
CS61584A
DS261F1
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com