Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A-IL3 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 46Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 47Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 48Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 49Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 50Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 51Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 52Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 53Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 54Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
CS61584A
52
DS261PP5
DS261PP5
Turns Ratio
Manufacturer
Part Number
Package Type
1:2
(-IL3 and -IQ3)
Halo
TD08-1205A
1.5 kV through-hole, single
TG26-1205N1
2 kV surface mount, dual
Pulse Engineering
PE-65351
1.5 kV through-hole, single
PE-65771
1.5 kV through-hole, single extended temperature
PE-65835
3.0 kV through-hole, single extended temperature
PE-65761
1.5 kV surface mount, dual
PE-65821
1.5 kV surface mount, dual extended temperature
PE-65861
1.5 kV surface mount, dual
T1016
1.5 kV surface mount, quad
T1073
1.5 kV surface mount, octal
Schott
67129300
1.5 kV through-hole, single extended temperature
67115090
1.5 kV through-hole, dual extended temperature
Valor
ST5095
1.5 kV surface mount, dual
ST5175T
1.5 kV surface mount, quad
1:1.15
(-IL5 and -IQ5)
Halo
TD38-1505A
1.5 kV through-hole, single
Pulse Engineering
PE-65388
1.5 kV through-hole, single
PE-65770
1.5 kV through-hole, single extended temperature
PE-65838
3.0 kV through-hole, single extended temperature
PE-68674
1.5 kV surface mount, dual extended temperature
PE-65870
1.5 kV surface mount, dual
T1016
1.5 kV surface mount, quad
T1072
1.5 kV surface mount, octal
Schott
67124840
1.5 kV through-hole, single extended temperature
Valor
ST5112
2.0 kV surface mount, dual
ST5171T
1.5 kV surface mount, quad
Table 18. Recommended Transformers
CS61584A
52
DS261F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com