Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A-IL3 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 31Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 32Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 33Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 34Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 35Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 36Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 37Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 38Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
CS61584A
DS261PP5
35
DS261PP5
10.10 Pause-DR State
The pause state allows the test controller to tempo-
rarily halt the shifting of data through the test data
register in the serial path between J-TDI and J-
TDO. For example, this state could be used to al-
low the tester to reload its pin memory from disk
during application of a long test sequence. The test
data register selected by the current instruction re-
tains its previous value and the instruction does not
change during this state. The controller remains in
this state as long as J-TMS is low. When J-TMS
goes high and a rising edge is applied to J-TCK, the
controller moves to the Exit2-DR state.
10.11 Exit2-DR State
This is a temporary state. While in this state, if J-
TMS is held high, a rising edge applied to J-TCK
causes the controller to enter the Update-DR state,
which terminates the scanning process. If J-TMS is
held low and a rising edge is applied to J-TCK, the
controller enters the Shift-DR state. The test data
register selected by the current instruction retains
its previous value and the instruction does not
change during this state.
10.12 Update-DR State
The Boundary Scan Register is provided with a
latched parallel output to prevent changes while
data is shifted in response to the EXTEST and
SAMPLE/PRELOAD instructions. When the TAP
controller is in this state and the Boundary Scan
Register is selected, data is latched into the parallel
output of this register from the shift-register path
on the falling edge of J-TCK. The data held at the
latched parallel output changes only in this state.
All shift-register stages in the test data register se-
lected by the current instruction retain their previ-
ous value and the instruction does not change
during this state.
10.13 Select-IR-Scan State
This is a temporary controller state. The test data
register selected by the current instruction retains
its previous state. If J-TMS is held low and a rising
edge is applied to J-TCK when in this state, the
controller moves into the Capture-IR state, and a
scan sequence for the instruction register is initiat-
ed. If J-TMS is held high and a rising edge is ap-
plied to J-TCK, the controller moves to the Test-
Logic-Reset state. The instruction does not change
during this state.
10.14 Capture-IR State
In this controller state, the shift register contained
in the instruction register loads a fixed value of
"01" on the rising edge of J-TCK. This supports
fault-isolation of the board-level serial test data
path. Data registers selected by the current instruc-
tion retain their value and the instruction does not
change during this state. When the controller is in
this state and a rising edge is applied to J-TCK, the
controller enters the Exit1-IR state if J-TMS is held
high, or the Shift-IR state if J-TMS is held low.
10.15 Shift-IR State
In this state, the shift register contained in the in-
struction register is connected between J-TDI and
J-TDO and shifts data one stage towards its serial
output on each rising edge of J-TCK. The test data
register selected by the current instruction retains
its previous value and the instruction does not
change during this state. When the controller is in
this state and a rising edge is applied to J-TCK, the
controller enters the Exit1-IR state if J-TMS is held
high, or remains in the Shift-IR state if J-TMS is
held low.
CS61584A
DS261F1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com