Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A-IL3 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 13Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 14Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 15Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 16Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 17Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 18Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 19Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 20Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
CS61584A
DS261PP5
17
DS261PP5
500
1.0
0.5
0
-0.5
0
250
750
1000
NORMALIZED
AMPLITUDE
ANSI T1.102
SPECIFICATION
CS61584A
OUTPUT
PULSE SHAPE
TIME (nanoseconds)
Figure 14. Typical Pulse Shape at DSX-1 Cross Connect
269 ns
244 ns
194 ns
219 ns
488 ns
Nominal Pulse
0
10
50
80
90
100
110
120
-10
-20
Percent of
nominal
peak
voltage
G.703
Specification
Figure 15. Mask of the Pulse at the 2048 kbps Interface
C
O
N
3
C
O
N
2
C
O
N
1
C
O
N
0
Transmit Pulse
Width at 50%
Amplitude
Transmit Pulse Shape
Receiver
Slicing
Level
Line Code
Encoder /
Decoder
0000
244 ns (50%)
E1: square, 2.37 V into 75
Ω
50%
AMI/HDB3
1000
244 ns (50%)
Arbitrary E1 Wave into 75
Ω
50%
AMI/HDB3
0001
244 ns (50%)
E1: square, 2.37 V into 75
Ω
50%
AMI/HDB3
1001
244 ns (50%)
Arbitrary E1 Wave into 120
Ω
50%
AMI/HDB3
0010
350 ns (54%)
DSX-1: 0-133 ft.
65%
AMI/B8ZS
0011
350 ns (54%)
DSX-1: 133-266 ft.
65%
AMI/B8ZS
0100
350 ns (54%)
DSX-1: 266-399 ft.
65%
AMI/B8ZS
0101
350 ns (54%)
DSX-1: 399-533 ft.
65%
AMI/B8ZS
0110
350 ns (54%)
DSX-1: 533-655 ft.
65%
AMI/B8ZS
1010
350 ns (54%)
Arbitrary DSX-1 Waveform
65%
AMI/B8ZS
0111
324 ns (50%)
DS1: FCC Part 68 Option A with undershoot
65%
AMI/B8ZS
1100
324 ns (50%)
DS1: FCC Part 68 Option A (0 dB)
65%
AMI/B8ZS
1011
324 ns (50%)
Arbitrary DS1 Waveform
65%
AMI/B8ZS
1101
Reserved
1110
Transmit Hi Z
Tristate TTIP/TRING Driver Outputs
50%
AMI/HDB3
1111
Transmit Hi Z
Tristate TTIP/TRING Driver Outputs
65%
AMI/B8ZS
Table 1. Line Configuration Selections
CS61584A
DS261F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com