Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61584A-IL3 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS61584A-IL3
Description  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 29Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 30Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 31Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 32Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 33Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 34Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 35Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 36Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
CS61584A
DS261PP5
33
DS261PP5
Bypass Register: The Bypass register consists of a
single bit, and provides a serial path between J-TDI
and J-TDO, bypassing the BSR. This allows by-
passing specific devices during certain board-level
tests. This also reduces test access times by reduc-
ing the total number of shifts required from J-TDI
to J-TDO.
10.2
JTAG Instructions and Instruction
Register (IR)
The instruction register (2 bits) allows the instruc-
tion to be shifted into the JTAG circuit. The in-
struction selects the test to be performed or the data
register to be accessed or both. The valid instruc-
tions are shifted in LSB first and are listed in
Table 12:
EXTEST Instruction: The EXTEST instruction al-
lows testing of off-chip circuitry and board-level
interconnect. EXTEST connects the BSR to the J-
TDI and J-TDO pins. The normal path between the
CS61584A logic and I/O pins is broken. The sig-
nals on the output pins are loaded from the BSR
and the signals on the input pins are loaded into the
BSR.
SAMPLE/PRELOAD
Instruction:
The
SAM-
PLE/PRELOAD instructions allows scanning of
the boundary-scan register without interfering with
the operation of the CS61584A. This instruction
connects the BSR to the J-TDI and J-TDO pins.
The normal path between the CS61584A logic and
its I/O pins is maintained. The signals on the I/O
pins are loaded into the BSR. Additionally, this in-
struction can be used to latch values into the digital
output pins.
IDCODE Instruction: The IDCODE instruction
connects the device identification register to the J-
TDO pin. The IDCODE instruction is forced into
the instruction register during the Test-Logic-Reset
controller state.The default instruction is IDCODE
after a device reset.
BYPASS Instruction: The BYPASS instruction
connects the minimum length bypass register be-
tween the J-TDI and J-TDO pins and allows data to
be shifted in the Shift-DR controller state.
10.3
JTAG TAP Controller
Figure 24 shows the state diagram for the TAP state
machine. A description of each state follows. Note
that the figure contains two main branches to ac-
cess either the data or instruction registers. The val-
ue shown next to each state transition in this figure
is the value present at J-TMS at each rising edge of
J-TCK.
10.4
Test-Logic-Reset State
In this state, the test logic is disabled to continue
normal operation of the device. During initializa-
tion, the CS61584A initializes the instruction reg-
ister with the IDCODE instruction.
Regardless of the original state of the controller,
the controller enters the Test-Logic-Reset state
when the J-TMS input is held high for at least five
rising edges of J-TCK. The controller remains in
this state while J-TMS is high. The CS61584A pro-
cessor automatically enters this state at power-up.
IR CODE
INSTRUCTION
00
EXTEST
01
SAMPLE/PRELOAD
10
IDCODE
11
BYPASS
Table 12.
MSB
LSB
31 28 27
12 11
1 0
0 00001 10011 011100 00100 00110 01001
4 bits
16 bits
11 bits
BIT #(s)
Function
Total Bits
31-28
Version Number
4
27-14
Part Number
14
13-12
Derivative Code
2
11-1
Manufacturer Number
11
0
Constant Logic ‘1’
1
Table 11. Device Identification Register
CS61584A
DS261F1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com