Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
62
Freescale Semiconductor
Mechanical Data and Ordering Information
Table 30 contains a list of the MPC852T input and output signals and shows multiplexing and pin assignments.
Table 30. Pin Assignments - JEDEC Standard
Name
Pin Number
Type
A[0:31]
B15, A15, A14, C14, D13, E11, B14, A13, C13, B13, D12, E10, C12,
B12, A12, D11, E9, C11, A9, A11, D10, C10, B8, A10, D9, C9, C8,
B11, A8, B10, B9, D8
Bidirectional
Three-state (3.3V only)
TSIZ0
REG
E8
Bidirectional
Three-state (3.3V only)
TSIZ1
E7
Bidirectional
Three-state (3.3V only)
RD/WR
B1
Bidirectional
Three-state (3.3V only)
BURST
G3
Bidirectional
Three-state (3.3V only)
BDIP
GPL_B5
D1
Output
TS
E2
Bidirectional
Active Pull-up (3.3V only)
TA
F4
Bidirectional
Active Pull-up (3.3V only)
TEA
E3
Open-drain
BI
D2
Bidirectional
Active Pull-up (3.3V only)
IRQ2
RSV
G2
Bidirectional
Three-state (3.3V only)
IRQ4
KR
RETRY
SPKROUT
J1
Bidirectional
Three-state (3.3V only)
CR
IRQ3
F1
Input (3.3V only)
D[0:31]
R13, T11, R10, T10, T12, R9, R7, T6, T13, M10, N10, P10, P12,
R12, M9, N9, P9, N11, T9, R8, P8, N8, T7, P11, P7, N7, M8, R11, R6,
P6, T5, R5
Bidirectional
Three-state (3.3V only)
DP0
IRQ3
P4
Bidirectional
Three-state (3.3V only)
DP1
IRQ4
P5
Bidirectional
Three-state (3.3V only)
DP2
IRQ5
T4
Bidirectional
Three-state (3.3V only)
DP3
IRQ6
R4
Bidirectional
Three-state (3.3V only)
BR
E1
Bidirectional (3.3V only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com