Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC852T Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
Freescale Semiconductor
Technical Data
This document contains detailed information for the MPC852T
about power considerations, DC/AC electrical characteristics, AC
timing specifications, and pertinent electrical and physical
characteristics of the MPC852T. For information about functional
characteristics of the processor, refer to the MPC866
PowerQUICC Family Users Manual (MPC866UM). The
MPC852T contains a PowerPC
TM processor core.
1
Overview
The MPC852T PowerQUICC
TM is a 0.18-micron derivative of
the MPC860 PowerQUICC family, and can operate up to 100
MHz on the MPC8xx core with a 66-MHz external bus. The
MPC852T has a 1.8 V core and a 3.3 V I/O operation with 5-V
TTL compatibility. The MPC852T integrated communications
controller is a versatile one-chip integrated microprocessor and
peripheral combination that can be used in a variety of controller
applications. It particularly excels in Ethernet control applications,
including CPE equipment, Ethernet routers and hubs, VoIP clients,
and WiFi access points.
The MPC852T is a PowerPC architecture-based derivative of the
Motorola MPC860 Quad Integrated Communications Controller
(PowerQUICC). The CPU on the MPC852T is the MPC8xx core,
a 32-bit microprocessor that implements the PowerPC
architecture, incorporating memory management units (MMUs)
and instruction and data caches. The MPC852T is the subset of
this family of devices.
MPC852TEC
Rev. 3.1, 01/2005
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3. Maximum Tolerated Ratings . . . . . . . . . . . . . . . . . . . 5
4. Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . 5
5. Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
6. DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7. Thermal Calculation and Measurement . . . . . . . . . . . 8
8. References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
9. Power Supply and Power Sequencing . . . . . . . . . . . 10
10. Mandatory Reset Configurations . . . . . . . . . . . . . . . 11
11. Layout Practices . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
12. Bus Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
13. IEEE 1149.1 Electrical Specifications . . . . . . . . . . . 41
14. CPM Electrical Characteristics . . . . . . . . . . . . . . . . . 43
15. FEC Electrical Characteristics . . . . . . . . . . . . . . . . . 56
16. Mechanical Data and Ordering Information . . . . . . . 60
17. Document Revision History . . . . . . . . . . . . . . . . . . . 78
MPC852T
Hardware Specifications


Similar Part No. - MPC852T

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC852T FREESCALE-MPC852T Datasheet
1Mb / 88P
PowerQUICC??Family Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
1,003Kb / 80P
Hardware Specifications
logo
NXP Semiconductors
MPC852T NXP-MPC852T Datasheet
1Mb / 96P
Hardware Specifications
Rev. 2, 2/2006
logo
Freescale Semiconductor...
MPC852TVR100A FREESCALE-MPC852TVR100A Datasheet
1,003Kb / 80P
Hardware Specifications
MPC852T FREESCALE-MPC852T_07 Datasheet
1,003Kb / 80P
Hardware Specifications
More results

Similar Description - MPC852T

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
Hardware Specifications
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com