Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
7
DC Characteristics
6
DC Characteristics
Table5 provides the DC electrical characteristics for the MPC852T.
2
Maximum power dissipation at VDDL and VDDSYN is at 1.9 V. and VDDH is at 3.465 V.
NOTE
Values in Table 4 represent VDDL-based power
dissipation, and do not include I/O power dissipation
over VDDH. I/O power dissipation varies widely by
application that buffer current can cause, depending
on external circuitry.
The VDDSYN power dissipation is negligible.
Table 5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDH
3.135
3.465
V
VDDL
1.7
1.9
V
VDDSYN
1.7
1.9
V
Difference between VDDL to
VDDSYN
—
100
mV
Input high voltage (all inputs except
PA[0:3], PA[8:11], PB15, PB[24:25];
PB[28:31], PC[4:7], PC[12:13], PC15,
PD[3:15], TDI, TDO, TCK, TRST, TMS,
MII_TXEN, MII_MDIO) 1
VIH
2.0
3.465
V
Input low voltage
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7
VDDH
VDDH
V
Input leakage current, Vin = 5.5 V
(Except TMS, TRST, DSCK and DSDI
pins) for 5-V tolerant pins 1
Iin
—
100
µA
Input leakage current, Vin = VDDH
(Except TMS, TRST, DSCK, and DSDI)
IIn
—
10
µA
Input leakage current, Vin = 0 V (Except
TMS, TRST, DSCK and DSDI pins)
IIn
—
10
µA
Input capacitance 2
Cin
—
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com