Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
72
Freescale Semiconductor
Mechanical Data and Ordering Information
AS
K3
Input (3.3 V only)
PA11
RXD3
F17
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PA10
TXD3
J16
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PA9
RXD4
K17
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PA8
TXD4
K16
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PA3
CLK5
BRGO3
TIN3
L17
Bidirectional
(5 V-tolerant)
PA2
CLK6
TOUT3
L15
Bidirectional
(5 V-tolerant)
PA1
CLK7
BRGO4
TIN4
M16
Bidirectional
(5 V-tolerant)
PA0
CLK8
TOUT4
N17
Bidirectional
(5 V-tolerant)
PB31
SPISEL
F14
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PB30
SPICLK
G14
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PB29
SPIMOSI
E16
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
PB28
SPIMISO
BRGO4
H14
Bidirectional
(Optional: Open-drain)
(5 V-tolerant)
Table 31. Pin Assignments - non-JEDEC (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com