Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852T Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
69
Mechanical Data and Ordering Information
Table 31 contains a list of the MPC852T input and output signals and shows multiplexing and pin assignments.
Table 31. Pin Assignments - non-JEDEC
Name
Pin Number
Type
A[0:31]
C16, B16, B15, D15, E14, F12, C15, B14, D14, C14, E13, F11, D13,
C13, B13, E12, F10, D12, B10, B12, E11, D11, C9, B11, E10, D10,
D9, C12, B9, C11, C10, E9
Bidirectional
Three-state (3.3 V only)
TSIZ0
REG
F9
Bidirectional
Three-state (3.3 V only)
TSIZ1
F8
Bidirectional
Three-state (3.3 V only)
RD/WR
C2
Bidirectional
Three-state (3.3 V only)
BURST
H4
Bidirectional
Three-state (3.3 V only)
BDIP
GPL_B5
E2
Output
TS
F3
Bidirectional
Active Pull-up (3.3 V only)
TA
G5
Bidirectional
Active Pull-up (3.3 V only)
TEA
F4
Open-drain
BI
E3
Bidirectional
Active Pull-up (3.3 V only)
IRQ2
RSV
H3
Bidirectional
Three-state (3.3 V only)
IRQ4
KR
RETRY
SPKROUT
K2
Bidirectional
Three-state (3.3 V only)
CR
IRQ3
G2
Input (3.3 V only)
D[0:31]
T14, U12, T11, U11, U13, T10, T8, U7, U14, N11, P11, R11, R13,
T13, N10, P10, R10, P12, U10, T9, R9, P9, U8, R12, R8, P8, N9,
T12, T7, R7, U6, T6
Bidirectional
Three-state (3.3 V only)
DP0
IRQ3
R5
Bidirectional
Three-state (3.3 V only)
DP1
IRQ4
R6
Bidirectional
Three-state (3.3 V only)
DP2
IRQ5
U5
Bidirectional
Three-state (3.3 V only)
DP3
IRQ6
T5
Bidirectional
Three-state (3.3 V only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com