Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TZT50 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
33
Bus Signal Timing
Table 10 provides interrupt timing for the MPC852T.
.
Figure 23 provides the interrupt detection timing for the external level-sensitive lines.
Figure 23. Interrupt Detection Timing for External Level Sensitive Lines
Figure 24 provides the interrupt detection timing for the external edge-sensitive lines.
Figure 24. Interrupt Detection Timing for External Edge Sensitive Lines
Table 10. Interrupt Timing
Num
Characteristic 1
1
The timings I39 and I40 describe the testing conditions under which the IRQ
lines are tested when being defined as level-sensitive. The IRQ lines are
synchronized internally and need not be asserted or negated with reference to
the CLKOUT.
The timings I41, I42, and I43 are specified to allow the correct function of the
IRQ lines detection circuitry, and have no direct relation with the total system
interrupt latency that the MPC852T is able to support.
All Frequencies
Unit
Min
Max
I39
IRQx valid to CLKOUT rising edge (set
up time)
6.00
ns
I40
IRQx hold time after CLKOUT
2.00
ns
I41
IRQx pulse width low
3.00
ns
I42
IRQx pulse width high
3.00
ns
I43
IRQx edge-to-edge time
4xTCLOCKOUT
—
CLKOUT
IRQx
I39
I40
CLKOUT
IRQx
I41
I42
I43
I43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com