Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TZT50 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
43
CPM Electrical Characteristics
Figure 38. Boundary Scan (JTAG) Timing Diagram
14 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC852T.
14.1 Port C Interrupt AC Electrical Specifications
Table 16 provides the timings for port C interrupts.
Figure 39 shows the port C interrupt detection timing.
Figure 39. Port C Interrupt Detection Timing
Table 16. Port C Interrupt Timing
Num
Characteristic
33.34 MHz
Unit
Min
Max
35
Port C interrupt pulse width low (edge-triggered mode)
55
—
ns
36
Port C interrupt minimum time between active edges
55
—
ns
TCK
Output
Signals
Output
Signals
Output
Signals
J92
J94
J93
J95
J96
Port C
35
36
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com