Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TZT50 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
16
Freescale Semiconductor
Bus Signal Timing
B24
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 10, TRLX = 0 (MIN = 0.25 x B1
- 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B24a A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 11 TRLX = 0 (MIN = 0.50 x B1 -
2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B25
CLKOUT rising edge to OE,
WE(0:3)/BS_B[0:3] asserted (MAX = 0.00 x B1
+ 9.00)
—
9.00
9.00
9.00
9.00
ns
B26
CLKOUT rising edge to OE negated (MAX =
0.00 x B1 + 9.00)
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 10, TRLX = 1 (MIN = 1.25 x B1
- 2.00)
35.90
—
29.30
—
23.00
—
16.90
—
ns
B27a A(0:31) and BADDR(28:30) to CS asserted
GPCM ACS = 11, TRLX = 1 (MIN = 1.50 x B1 -
2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B28
CLKOUT rising edge to WE(0:3)/BS_B[0:3]
negated GPCM write access CSNT = 0 (MAX
= 0.00 x B1 + 9.00)
—
9.00
—
9.00
—
9.00
—
9.00
ns
B28a CLKOUT falling edge to WE(0:3)/BS_B[0:3]
negated GPCM write access TRLX = 0,1
CSNT = 1, EBDF = 0 (MAX = 0.25 x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B28b CLKOUT falling edge to CS negated GPCM
write access TRLX = 0,1 CSNT = 1 ACS = 10
or ACS = 11, EBDF = 0 (MAX = 0.25 x B1 +
6.80)
—
14.30
—
13.00
—
11.80
—
10.50
ns
B28c CLKOUT falling edge to WE(0:3)/BS_B[0:3]
negated GPCM write access TRLX = 0,1
CSNT = 1 write access TRLX = 0,1 CSNT = 1,
EBDF = 1 (MAX = 0.375 x B1 + 6.6)
10.90
18.00
10.90
18.00
7.00
14.30
5.20
12.30
ns
B28d CLKOUT falling edge to CS negated GPCM
write access TRLX = 0,1 CSNT = 1, ACS = 10,
or ACS = 11, EBDF = 1 (MAX = 0.375 x B1 +
6.6)
—
18.00
—
18.00
—
14.30
—
12.30
ns
B29
WE(0:3)/BS_B[0:3] negated to D(0:31),
DP(0:3) High-Z GPCM write access, CSNT =
0, EBDF = 0 (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B29a WE(0:3)/BS_B[0:3] negated to D(0:31),
DP(0:3) High-Z GPCM write access, TRLX = 0,
CSNT = 1, EBDF = 0 (MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com