Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TZT50 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
78
Freescale Semiconductor
Document Revision History
17 Document Revision History
Table 32 lists significant changes between revisions of this document.
Table 32. Document Revision History
Revision
Date
Changes
3.1
1/18/2005
Document template update.
3.0
11/2004
• Added sentence to Spec B1A about EXTCLK and CLKOUT being in
Alignment for Integer Values
• Added a footnote to Spec 41 specifying that EDM = 1
• Broke the Section 16.1, “Pin Assignments,” into 2 smaller sections
for the JEDEC and non-JEDEC pinouts.
2.0
12/2003
Put 852T on the 1st page in place of 8245.
Figure 62 on page 59 had overbars added on signals CR (pin G2) and
WAIT_A (pin P4).
1.8
7/2003
Changed the pinout to be JEDEC Compliant, changed timing
parameters B28a through B28d, and B29d to show that TRLX can be 0
or 1.
1.7
5/2003
Changed the SPI Master Timing Specs. 162 and 164
1.6
4/2003
Changed the package drawing in Figure 15-63
1.5
4/2003
Changed 5 Port C pins with interrupt capability to 7 Port C pins. Added
the Note: solder sphere composition for MPC852TVR and
MPC852TCVR devices is 95.5%Sn 45%Ag 0.5%Cu to Figure 15-63
1.4
2/2003
Changed Table 15-30 Pin Assignments for the PLL Pins VSSSYN1,
VSSSYN, VDDSYN
1.3
1/2003
Added subscripts to timing diagrams for B1-B35, to specify memory
controller settings for the specific edges.
1.2
1/2003
In Table 15-30, specified EXTCLK as 3.3 V.
1.1
12/2002
Added fast Ethernet controller to the features
1
11/2002
Added values for 80 and 100 MHz
0
10/2002
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com