Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC852TZT50 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
46
Freescale Semiconductor
CPM Electrical Characteristics
Figure 43. SDACK Timing Diagram
—Peripheral Read, Internally-Generated TA
14.3 Baud Rate Generator AC Electrical Specifications
Table 18 provides the baud rate generator timings as shown in Figure 44.
Figure 44. Baud Rate Generator Timing Diagram
Table 18. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
—
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
—
ns
DATA
42
45
CLKO
(Output)
TS
(Output)
R/W
(Output)
TA
(Output)
SDACK
52
50
51
BRGOX
50
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com