Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100 Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation AX58100 Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
13
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
1.4.4
ESC PDI / Function Local Bus Interface
Pin Name
Type
Pin No
Pin Description
LECSn
I5
79
Local bus ESC Chip Select
LFCSn
I5
80
Local bus Function Chip Select
LRDn
I5
64
Local bus Read
LWRn
I5
78
Local bus Write
LBHE
I5
68
Local bus Byte High Enable (16-bit width only)
LRDY
O5/T
6
Local bus Ready
LINT
O5/T
1
Local bus Interrupt
LA[13:0]
I5
66, 42, 52,
50, 48, 44,
17, 14, 12, 9,
7, 49, 74, 71
Local bus Address bus
LDA[[15:8] B5
18, 15, 13,
11, 8, 76, 75,
73
Local bus Data bus [15:8]
LDA[7:0]
B5
69, 67, 53,
60, 51, 4, 47,
43
Local bus Data bus [7:0]
Table 1-6: PDI Local Bus Interface Pin Description
1.4.5
PWM Motor Controller
Pin Name
Type
Pin No
Pin Description
PWM1L
O5/T
8
PWM 1 Low pin or STEP pin
PWM1H
O5/T
76
PWM 1 High pin or DIR pin
PWM2L
O5/T
75
PWM 2 Low pin
PWM2H
O5/T
73
PWM 2 High pin
PWM3L
O5/T
70
PWM 3 Low pin
PWM3H
O5/T
68
PWM 3 High pin
PULA
O5
66
Pulse A, programmable point A
PULB
O5
42
Pulse B, programmable point B
PULZ
O5
52
Pulse Z, PWM period start point
PULC
O5
50
Pulse C, PWM period central point
PULAB
O5
48
Pulse AB, toggle when programmable point A and B
EMn
I5
11
Emergency input, active low
Table 1-7: PWM Motor Controller Pin Description
1.4.6
Incremental / Hall Encoder Interface
Pin Name
Type
Pin No
Pin Description
ENCA
I5
13
ENC input A, Sin., CW, CLK, or HALL A
ENCB
I5
15
ENC input B, Cos., CCW, DIR, or HALL B
ENCZ
I5
18
ENC input Z, Zero point or HALL _C
Table 1-8: Incremental/Hall Encoder Interface Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com