Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100 Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation AX58100 Datasheet HTML 38Page - ASIX Electronics Corporation AX58100 Datasheet HTML 39Page - ASIX Electronics Corporation AX58100 Datasheet HTML 40Page - ASIX Electronics Corporation AX58100 Datasheet HTML 41Page - ASIX Electronics Corporation AX58100 Datasheet HTML 42Page - ASIX Electronics Corporation AX58100 Datasheet HTML 43Page - ASIX Electronics Corporation AX58100 Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
40
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Power–up Sequence
Figure 4-2: Power-up Sequence Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max Units
Trise3
3.3V power supply rise time.
From 0V to 3.3V.
-
-
20
ms
Trise2
1.2V power supply rise time.
From 0V to 1.2V.
-
-
20
ms
T23
VCCK rising to 1.2V to VCC3IO
rising to 3.3V interval.
-
0
-
ms
Tclk
25MHz crystal oscillator start-up
time.
From VCC3IO rising to 3.3V to
clock stable of 25MHz crystal
oscillator.
-
-
60
ms
Trst
POR asserted low level interval.
From VCCK rising to 1.2V to
POR going high.
-
65
-
ms
Table 4-4: Power-up Sequence Timing Table
Note:
1.
The above typical timing data is measured from AX58100 test board.
2.
The Trst typical value is measured from AX58100 test board with the internal POR.
0V
3.3V
Trise3
0V
1.2V
Trise2
T23
Tclk
Trst
VCCK
/VCC12A_PLL
VCC3IO/VCC33A
RSTn
XSCI
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com