Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
32
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
3.3.2
Function Register Map
Address
Offset
Name
Description
0x000
MCTLR
Motor Control Register
0x002
PXCFGR
PWM Pulse X Configure Register
0x004
PTAPPR
PWM Trigger A Pulse Positon Register
0x006
PTBPPR
PWM Trigger B Pulse Positon Register
0x008
PPCR
PWM Period Cycle Register
0x00A
PBBMR
PWM Pulse Break Before Make Register
0x00C
P1CTRLR
PWM1Control Register
0x00E
P1SHR
PWM1 Counter Shift Register
0x010
P1HPWR
PWM1 High Pulse Width Register
0x012
P2CTRLR
PWM2 Control Register
0x014
P2SHR
PWM2 Shift Register
0x016
P2HPWR
PWM2 High Pulse Width Register
0x018
P3CTRLR
PWM3 Control Register
0x01A
P3SHR
PWM3 Counter Shift Register
0x01C
P3HPWR
PWM3 High Pulse Width Register
0x020
SGTLR
Step Gap Time Low Register
0x022
SGTHR
Step Gap Time High Register
0x024
SHPWR
Step High Pulse Width Register
0x026
TDLYR
direction Transform Delay step Register
0x028
STNLR
Step Target Number Low Word Register
0x02A
STNHR
Step Target Number High Word Register
0x02C
SCFGR
Step Configure Register
0x02E
SCTRLR
Step Control Register
0x030
SCNTLR
Step Counter Content Low Register
0x032
SCNTHR
Step Counter Content High Register
0x040
ECNTVLR
Encoder Counter value Low Register
0x042
ECNTVHR
Encoder Counter value High Register
0x044
ECNSTLR
Encoder Constant Low Register
0x046
ECNSTHR
Encoder Constant High Register
0x048
ELATLR
Encoder Latched Low Register
0x04A
ELATHR
Encoder Latched High Register
0x04C
EMODR
Encoder Mode Configuration Register
0x04E
ECLRR
Encoder Clear Register
0x050
HALSTR
Hall State Register
0x060
WTLR
Watchdog Timer Low Register
0x062
WTHR
Watchdog Timer High Register
0x064
WCFGR
Watchdog Configure Register
0x066
WTPVCR
Watchdog Peak Value Clear Register
Watchdog Timer Peak Value Clear Register
0x068
WMPLR
Watchdog Monitored Polarity Low Register
0x06A
WMPHR
Watchdog Monitored Polarity High Register
0x06C
WMMLR
Watchdog Monitored Mask Low Register
0x06E
WMMHR
Watchdog Monitored Mask High Register
0x070
WOMLR
Watchdog Output Mask Low Register
0x072
WOMHR
Watchdog Output Mask High Register
0x074
WOELR
Watchdog Output Enable Low Register
0x076
WOEHR
Watchdog Output Enable High Register
0x078
WOPLR
Watchdog Output Polarity Low Register
0x07A
WOPHR
Watchdog Output Polarity High Register
0x07C
WTPVLR
Watchdog Timer Peak Value Low Register
0x07E
WTPVHR
Watchdog Timer Peak Value High Register
0x080
SPICFGR
SPI Configure Register
0x082
SPIBRR
SPI Baud Rate Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com