Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100 Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation AX58100 Datasheet HTML 38Page - ASIX Electronics Corporation AX58100 Datasheet HTML 39Page - ASIX Electronics Corporation AX58100 Datasheet HTML 40Page - ASIX Electronics Corporation AX58100 Datasheet HTML 41Page - ASIX Electronics Corporation AX58100 Datasheet HTML 42Page - ASIX Electronics Corporation AX58100 Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
39
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Power-On-Reset (POR) Specification
Below figures and table shows the two POR circuit spec during power ramp-up/down.
Figure 4-1: Power On Reset (POR) Timing Diagram
Symbol
Description
Conditions
Min.
Typ.
Max.
Units
VCCK
Power supply voltage to be detected
-
1.0
1.2
1.32
V
V
rr
VCCK rise relax voltage
-
-
0.72
0.9
V
V
fr
VCCK fall release voltage
-
-
0.63
0.85
V
Trst
Reset time after POR trigger up
VCCK slew rate
= 1.0V / 1μs
1.8
2.5
4.8
μs
Tdrop
Drop time of VCCK to reset
VCCK slew rate
= 2.5V / 1μs
0.2
0.4
0.9
μs
Table 4-3: Power On Reset (POR) Timing Table
VCCK
POR Output
V
rr
V
fr
T
drop
T
rst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com