Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58100 Datasheet(PDF) 48 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 48 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 44Page - ASIX Electronics Corporation AX58100 Datasheet HTML 45Page - ASIX Electronics Corporation AX58100 Datasheet HTML 46Page - ASIX Electronics Corporation AX58100 Datasheet HTML 47Page - ASIX Electronics Corporation AX58100 Datasheet HTML 48Page - ASIX Electronics Corporation AX58100 Datasheet HTML 49Page - ASIX Electronics Corporation AX58100 Datasheet HTML 50Page - ASIX Electronics Corporation AX58100 Datasheet HTML 51Page - ASIX Electronics Corporation AX58100 Datasheet HTML 52Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
48
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Symbol
Description
Min
Typ
Max
Units
TDATA_setup
Input data valid before LAT_IN
5
-
-
ns
TDATA_hold
Input data valid after LAT_IN
2
-
-
ns
TLAT_IN
LAT_IN high time
4
-
-
ns
TSOF
SOF high time
-
40
-
ns
TSOF_to_DATA_setup
Input data valid after SOF, so that Inputs can be
read in the same frame
0
-
1.2
us
TSOF_to_DATA_hold
Input data invalid after SOF
1.6
-
-
us
Tinput_event_delay
Time between consecutive input events
440
-
-
ns
TOUTVLD
OUTVLD high time
-
80
-
ns
TDATA_to_OUTVLD
Output data valid before OUTVLD
79
-
-
ns
TWD_TRIG
WD_TRIG high time
-
40
-
ns
TDATA_to_WD_TRIG
Output data valid after WD_TRIG
-
-
20
ns
TOE_EXT_to_DATA_invalid Outputs zero or Outputs hi-Z after OE_EXT set to
low
0
-
9.5
ns
Toutput_event_delay
Time between consecutive output events
320
-
-
ns
TOUT_EXT_valid
OUT_EXT valid before OUTVLD
-
80
-
ns
TOUT_EXT_invalid
OUT_EXT invalid after OUTVLD
-
80
-
ns
Table 4-10: Digital I/O timing Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com