Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA32E1-RUT-FR Datasheet(PDF) 1 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RA32E1-RUT-FR
Description  This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RA32E1-RUT-FR Datasheet(HTML) 1 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  RA32E1-RUT-FR Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:uvsales@refond.com
W
eb: www.refonduv.com
PAGE:1
REFOND:WI-E-045
A/3
REV:E/3
TG-201709070731NP
SPECIFICATION
Mass Product
RF-P**MI32DS-BF-N-Y
REFOND P/N
RA32E1-RUT-FR


Similar Part No. - RA32E1-RUT-FR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN REFOND OPTOELE...
RA32E1-IRT-FR REFOND-RA32E1-IRT-FR Datasheet
1Mb / 20P
This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
More results

Similar Description - RA32E1-RUT-FR

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-PLCC-CW2 GILWAY-GHB-PLCC-CW2 Datasheet
100Kb / 4P
This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
logo
P-tec Corporation
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
logo
Everlight Electronics C...
45-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXXX-2T Datasheet
434Kb / 16P
PLCC-2 package
67-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-67-21-XK2C-BXXXXXXXXXX-2T Datasheet
398Kb / 17P
PLCC-2 package
logo
SHENZHEN REFOND OPTOELE...
RA32A1-BNU-FR REFOND-RA32A1-BNU-FR Datasheet
1Mb / 20P
This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
RA32E1-IRT-FR REFOND-RA32E1-IRT-FR Datasheet
1Mb / 20P
This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com