Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA32E1-RUT-FR Datasheet(PDF) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RA32E1-RUT-FR
Description  This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RA32E1-RUT-FR Datasheet(HTML) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  RA32E1-RUT-FR Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:uvsales@refond.com
W
eb: www.refonduv.com
PAGE:2
REFOND:WI-E-045
A/3
REV:E/3
TG-201709070731NP
Contents
1. Description
..................................................................................................................................3
1.1 General Description
.........................................................................................................3
1.2 Features
.............................................................................................................................3
1.3 Application
.........................................................................................................................3
1.4 Package Dimension
.........................................................................................................4
1.5 Product Parameters
.........................................................................................................5
1.6 Typical optical characteristics curves
...........................................................7
2. Packaging
.................................................................................................................................10
2.1 Packaging Specification
................................................................................................10
2.1.1 Carrier Tape Dimension
......................................................................................10
2.1.2 Reel Dimension
....................................................................................................10
2.1.3 Label Form Specification
....................................................................................11
2.2 Moisture Resistant Packing
..........................................................................................11
2.3 Cardboard Box
................................................................................................................12
2.4 Reliability Test Items And Conditions
.................................................12
2.5 Criteria For Judging Damage
...............................................................................13
3. SMT Reflow Soldering Instructions SMT
回流焊说明 .........................................................................14
3.1 SMT Reflow Soldering Instructions SMT
................................................................14
3.1.1 Soldering Iron
......................................................................................................15
3.1.2 Repairing
......................................................................................................................15
3.1.3 Cautions
................................................................................................................15
4. Handling Precautions
..............................................................................................16
4.1 Handling Precautions
.....................................................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com