Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA32E1-RUT-FR Datasheet(PDF) 14 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RA32E1-RUT-FR
Description  This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RA32E1-RUT-FR Datasheet(HTML) 14 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RA32E1-RUT-FR Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:uvsales@refond.com
W
eb: www.refonduv.com
PAGE:14
REFOND:WI-E-045
A/3
REV:E/3
TG-201709070731NP
3. SMT Reflow Soldering Instructions SMT
回流焊说明
3.1 SMT Reflow Soldering Instructions SMT
Fig.3-1 SMT Reflow Soldering Instructions
Table 3-1 SMT Reflow Soldering Instructions
Average temperature rise speed
Tsmax
TP
Max 3 °C/ s
3 °C/
Preheating: minimum temperature
(Tsmin)
150 °C
Preheating: Max temperature
(Tsmax)
200 °C
Preheating: Time
Tsmin
Tsmax
60s-120s
60 - 120
Time limited to maintain high temperature: the temperature
(TL)
217 °C
Time limited to maintain high temperature: The Time
(tL)
Max 60s
60
Peak /Classification of temperature:
/
(TP)
260 °C
Time limit classification of peak temperature time
tp
Max 10s
10
Hold time within 5 C with the actual peak temperature (TP)
(TP)
5 °C
Max 30s
30
Cooling speed
Max 6 °C/ s
6 °C/
Needed time from 25 °C to Tp
25 °C
Max 8 minutes
8
tp
t
ts
L
Preheat
TS min
TS max
TP
TL
25
Ramp-up
Critical Zone
T
to T
L
P
Ramp-down
t 25℃ to Peak
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com