Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA32E1-RUT-FR Datasheet(PDF) 13 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RA32E1-RUT-FR
Description  This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RA32E1-RUT-FR Datasheet(HTML) 13 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RA32E1-RUT-FR Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:uvsales@refond.com
W
eb: www.refonduv.com
PAGE:13
REFOND:WI-E-045
A/3
REV:E/3
TG-201709070731NP
2.5 Criteria For Judging Damage
Table 2-4 Criteria For Judging Damage
Test Items
Symbol
Test Condition
Criteria For Judgement
Min.
Max.
Forward Voltage
VF
IF=100mA
-
U.S.L*)x1.1
Reverse Current
IR
VR = 5V
-
U.S.L*)x2.0
Total radiant flux
Фe
IF=100mA
L.S.L*)x0.7
-
Notes
1.U.S.L: Upper standard level
L.S.L: Lower standard level
2. The above reliability tests is based on the verification of a single/strip LED of Refond's existing experimental
platform, the reliability experiment was taken under good heat dissipation conditions. when customers applies
the LED to the series and parallel circuit, should take consideration of all the factors such as the current,
voltage distribution, heat dissipation and others.
3.The technical information shown in the data sheets is limited to the typical characteristics and circuit examples
of the referenced products. It does not constitute the warranting of industrial property nor the granting of any
license.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com