Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA32E1-RUT-FR Datasheet(PDF) 11 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RA32E1-RUT-FR
Description  This production use the PLCC-2 package竊똮utline size 2.8*3.5*0.65mm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RA32E1-RUT-FR Datasheet(HTML) 11 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RA32E1-RUT-FR Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RA32E1-RUT-FR Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:uvsales@refond.com
W
eb: www.refonduv.com
PAGE:11
REFOND:WI-E-045
A/3
REV:E/3
TG-201709070731NP
2.1.3 Label Form Specification
Label Form Specification
Fig. 2-3 Label Form Specification
2.2 Moisture Resistant Packing
Fig.2-4 Moisture Resistant Packing Process
PART NO.
Part Number
SPEC NO.
Spec Number
LOT NO.
Lot Number
BIN CODE
Bin Code
Фe
Radiation flux
VF
Forward Voltage
WLP
Wavelength
QTY
Packing Quantity
DATE
Made Date
Label
标签
Reel
卷盘
Moisture Barrier Bag
防潮袋
ATTENTION
OBSERVE
PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Label
标签
PART NO.
SPEC NO.
LOT NO.
BIN CODE:
Фe
WLP
VF
QTY:
DATE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com