Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 1M automotive microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 5 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 3. AEK-MCU-C1MLIT1 circuit schematic (3 of 4)
8
7
6
5
4
3
2
1
TDO
26
USERID_1
18
Extension connector
JTAG
5
Programmer - Debugger board
17
Header 11X2
VDD_HV_IO_MAIN
7
User Button
18
E5V
E5V
PD0
PI1
PI2
PC15
PM14
PF[2..3]
PE[2..11]
PH4
PG[10..12]
PM14
VIN
PI[1..7]
J1
GND
SB34
Open
NRST
27
GND
Extension connector
28
GND
6
16
4
3
2
1
24
3
PA[1..11]
22
CN7
36
PM14
GND
21
9
E5V
E3V3
TDO
TMS
TDI
TCK
13
JP5
Header 1X2
25
2
PI3
PI4
PD14
PD15
PI7
PI6
PC4
PA1
PA2
PB10
PE10
PC13
Header 6X1_Female
15
1
2
3
4
5
6
7
8
GND
8
Header 10X1_Female
SCL
SCK
SDA
MISO
SS
MOSI
SCL
SDA
4
PB[8..11]
37
PORST
VDD_HV_IO_MAIN
20
GND
PC2
PC1
8
14
1
1
1
35
1
GND
A0
A1
A2
A3
A4
A5D0
D1
D2
D4
D3
D5
D6
D7
D8
D14
D15
9
3V3
5V
GND
GND
VIN
Ext_CLK
Ext_CLK
14
JCOMP
Header 8X1_Female
PC12
GND
10
CN5
GND
USERID_0
USERID_1
USERID_0USERID_1
PD[0..15]
10
PORST
7
PC[1..15]
11
RESET
PC[1..15]
E5V
14
Not Mounted
CN1
Header 7X2
GND
9
8
7
6
5
4
3
2
1
10
VIN
PI6
PI7
34
AVDD
22
PE[2..11]
PF[2..3]
D9
D10
D11
D12
D13
23
GND
JCOMP
Not Mounted
CN2
Header 4 pins
TCK
6
FTDI
12
11
E5V
VIN
11
13
AVDD
29
VIN
GND
USERID_0
GND
VIN
NRST
21
3
User LEDs
2
AVDD
JP6
Header 1X2
CN8
R14
0R
VDD_HV_IO_MAIN
VDD_HV_IO_MAIN
CHORUS
64pin
2
2
CN9
8
PH4
E3V3
GND
31
Header 8X1_Female
PG[10..12]
2
PORST
AVDD
12
12
IOREF
13
E3V3
7
20
Connectors.SchDoc
Chorus_PSU.SchDoc
Chorus_MCU__QFPG64.SchDoc
4
VDD_HV_ADV
3
GND
5
1
9
NRST
1
2
3
4
5
6
E3V3
16
33
SB33
Open
DNP
DNP
DNP
DNP
15
32
TMS
CN6
TDI
VDD_HV_IO_MAIN
PE3
PD13
PE2
PC3
PB8
PB9
PC2
PD12
PG10
PA11
PH4
PC14
PA10
PF3
PD5
PF2
PE11
PC1
38
CN10
Header 19X2
19
30
10
Microcontroller board
4
USB section (PLS)_B.SchDoc
17
6
PI[1..7]
PA[1..11]
PB[8..11]
PD[0..15]
JCOMP
TDO
PA11
TMS
TDI
TCK
19
5
5V
3V3
GND
VIN
NRST
E5V
PG12
PB11
PD11
PG11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com