Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 1M automotive microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 1 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
SPC582B60E1 microcontroller: 32-bit z2 core at 80 Mhz CPU, 32-bit Power
Architecture® technology CPU, 1 MB Code Flash in eQFP64 package
•
On-board USB-JTAG PLS debugger and dedicated optional connector to plug a
standalone JTAG debugger
•
Extension headers for all the device pins for fast prototyping
•
Mini-B USB port
•
One user push button and one RESET button
•
3 LEDs for user purposes
•
3 integrated programmers/debuggers
•
1 Reset and 1 Power LED (+5 V)
•
40 MHz Crystal
•
RoHS and WEEE compliant
•
Part of the AutoDevKit™ initiative
Description
The AEK-MCU-C1MLIT1 board exploits the functionality of SPC582B60E1 Power
Architecture® microcontrollers with full access to CPUs, I/O signals and peripherals.
The SPC58 2B Line MCUs are designed to address automotive vehicle body,
gateway and industrial oriented applications.
Free ready-to-run application firmware examples are available in SPC5-STUDIO
software with AutoDevKit plug-in (STSW-AUTODEVKIT) to support quick evaluation
and development.
Product summary
MCU discovery board
for SPC5 Chorus 1M
automotive
microcontroller
AEK-MCU-
C1MLIT1
32-bit power
architecture MCU for
automotive general
purpose applications -
Chorus family
SPC582B60E1
Code generator, quick
resource configurator
and Eclipse
development
environment for SPC5
MCUs
SPC5-STUDIO
Applications
Automotive
Gateway
Body Control
Module
MCU discovery board for SPC5 Chorus 1M automotive microcontroller
AEK-MCU-C1MLIT1
Data brief
DB4124 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 11P
Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
3Mb / 10P
Predefined gesture detection system based on FlightSense technology sensors
More results

Similar Description - SPC5-STUDIO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32F429IDISCOVERY STMICROELECTRONICS-32F429IDISCOVERY Datasheet
362Kb / 4P
Discovery kit with STM32F429ZI MCU
28-Oct-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
32F769IDISCOVERY STMICROELECTRONICS-32F769IDISCOVERY Datasheet
433Kb / 5P
Discovery kit with STM32F769NI MCU
26-Aug-2016
STM32L4P5G-DK STMICROELECTRONICS-STM32L4P5G-DK Datasheet
1Mb / 6P
Discovery kit with STM32L4P5AG MCU
Rev 1 - November 2019
AEK-CON-SENSOR1 STMICROELECTRONICS-AEK-CON-SENSOR1 Datasheet
748Kb / 5P
Connector board for SPC5 MCU discovery boards and MEMS sensor boards in DIL 24 socket
10-Feb-2021
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
AEK-MCU-C4MLIT1 STMICROELECTRONICS-AEK-MCU-C4MLIT1 Datasheet
5Mb / 4P
MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
AEK-MOT-TK200G1 STMICROELECTRONICS-AEK-MOT-TK200G1 Datasheet
5Mb / 11P
Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com