Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 1M automotive microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 4 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 2. AEK-MCU-C1MLIT1 circuit schematic (2 of 4)
VDD_HV_IO_MAIN
+5V
C48
10nF
SW2
+5V+3V3
NRST
VO
4
GND
LD3
VDD_HV_ADV
Yellow
VDD_HV_ADV
SB14
R13
47k
LD4Red
RESET
Closed
nMRnRST
2
5V_USB
1
SB16
R10
470
GND GND
+5V
Closed
JP4
2
R12
270
+5V
C45
100nF
2
3
C6
100nF
GND
2
C7
1µF
+5V
5V (ext)
SB26
R8
1k
VDD_HV_IO_MAIN
+5V+3V3
VIN
1
GND
SB29
SB20
Closed
VDD_HV_OSC
SB18
PA11
PE11
PD5
Vcc
4
VDD_HV_IO_MAIN
C4
10µF
SB21
PF2
470
R11
3
Vin
2
Vout
PORST
Closed
U4
VDD_HV_FLEX
LD1
LD5
Green
PA11
LD2
Red
+5V
+3V3
R9
2k2
C47
10nF
R15
0R
Closed
GND
E5V
VDD_HV_IO_MAIN
VDD_HV_FLEX
EN
1
PG
3
U3LD39050PU33R
1
5V
GND
Open
SW1
C46
100nF
Cannot
open
file
JP-B3
BLACK BRIDGE
Cannot
open
file
JP-B4
BLACK BRIDGE
SB28
Open
JP3
GND
C8
100nF
SB15
Closed
E3V3
VDD_HV_FLEX
5V_Reg
5V_USB
Closed
STM6315RDW13F
6
VI
Vout
4
U2
PE11
5V (USB)
5V_USB
5V (ext)
Default: 1-2
JP2
GND
PF2
VDD_HV_FLA
GND
Closed
2
NRST
E5V
VIN
PD5
C5
10µF
VDD_HV_ADV
1
GND
+5V SELECT
LD1117S50TR
R7
1k
USER
SB19
Closed
C3
1µF
3
NC
5
PORST
+5V+3V3
VDD_HV_IO_MAIN
VDD_HV_IO_MAIN
GND
+3V3
SB6
E3V3
Vss
1
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com