Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 1M automotive microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 3 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2
Schematic diagrams
Figure 1. AEK-MCU-C1MLIT1 circuit schematic (1 of 4)
PA[1..11]
PB[8..11]
PI[1..7]
C32
1µF
VDD_HV_ADV
10nF
C15
C42
1nF
TP3
PORST
Not Mounted
GND
C17
470nF
32
60
C44
47nF
VDD_LV
C31
100nF
55
C23
1µF
C20
470nF
PC[1..15]
PB[8..11]
10
42
VDD_HV_IO_MAIN
GND
10nF
C37
TP7
VDD_HV_ADV
PI4 AN40
17
R2
10k
TMS
TDI
PC12
GND
VDD_HV_IO_MAIN
PG[10..12]
PF[2..3]
PF[2..3]
TestMode
TP6
PA1 EM-Ch11 LINFlexD1-Rx WKPU-Int19
PA2 EM-Ch10 LINFlexD1-Tx WKPU-Int18
PA5 JTAG_NTRST_PD JTAG_JCOMP
PA6 JTAG_TCK
53
GND_ OSC
PF2 EM-Ch20 LINFlex2-Rx WKPU-Int31 REQ6
7
C41
47nF
GND
XTAL
37
PI1 EM-Ch4 CAN3-Tx AN35
14
GND
48
GND_ ADV
43
58
SB3
PH4
Pin 49
10nF
C27
GND_ OSC
C1
VDD_HV_FLA
1µF
C51
C34
10nF
PM14
GND_ ADV
24
PORST
45
C11
1µF
C22
100nF
Not Mounted
VDD_HV_OSC
10nF
C21
15
PI2 EM-Ch5 CAN3-Rx AN38
4
JCOMP
26
C9
1nF
10nF
C43
40MHz
GND
Pin 12Pin 28Pin 34
Not Mounted
100nF
C13
X2
VDD_HV_IO_MAIN
VDD_LV
TP5
Pin 62
Pin 22
TMS
TDI
PA[1..11]
TCK
JCOMP
PC1
PC2
PC3
PC4
PC12
PC13
PC14
PD0
PC15
PD5
PD12
PD13
PD14
PD15
PD11
PG10
PG11
PE10
PE3
PE2
PF2
PE11
PF3
PG12
PI1
PI2
PI3
PI4
PI6
PI7
PH4
SB5
Closed
51
63
C19
100nF
41
VDD_HV_ADV
SB1
Open
8
R3
0R
PM14 CAN1-Rx
36
VDD_LV
C2
1µF
C14
PE[2..11]
1nF
C36
PB10 EM-Ch25 DSPI2-MOSI LINFlex0-Tx WKPU-Int3
PB11 EM-Ch24 DSPI0-CS0
PC1 EM-Ch9 LINFlex15-Rx
PC2 EM-Ch8 LINFlex16-Tx FCCU1
PC3 EM-Ch7 LINFlex2-Rx
PC4 EM-Ch6 LINFlex2-Tx
PC12 EM-Ch31 DSPI3-CS1 CAN1-Rx
PC13 EM-Ch28 DSPI1-MISO
PC14 EM-Ch27 DSPI1-CLK
PC15 EM-Ch26 DSPI1-MOSI
PD0 EM-Ch22 DSPI2-CLK REQ4
PD5 EM-Ch7 CAN2-Tx WKPU-Int15
PD11 EM-Ch21 DSPI0-MISO AN63
PD12 EM-Ch14 DSPI3-MISO AN15
PD13 EM-Ch15 DSPI3-CLK AN16 REQ12
PD14 CAN0-Tx
PD15 EM-Ch0 CAN0-Rx NMI2
44
GND
VDD_HV_FLEX
R6
10k
C26
1µF
VDD_HV_FLA
1nF
C33
VDD_HV_ADV
VDD_LV
GND_ ADV
9
C35
47nF
C38
47nF
50
56
PE2 EM-Ch13 DSPI03-MOSI AN13
PE3 EM-Ch16 DSPI03-MOSI AN17
PE10 EM-Ch17 DSPI3-MISO WKPU-Int25
PE11 EM-Ch18 DSPI3-MOSI WKPU-Int26
GND
PA10 EM-Ch15 LINFlexD2-Tx CAN2-Tx CAN1-Tx
PA11 EM-Ch16 LINFlexD2-Rx CAN2-Rx
PB8 EM-Ch27 I2C-SCL DSPI2-CLK
PB9 EM-Ch26 I2C-SDA DSPI2-MISO
5
PD[0..15]
PC[1..15]
GND
10nF
C24
EXTAL
U1
VDD_LV
VDD_HV_IO_MAIN CapacitorsVDD_LV Capacitors
JCOMP
18p
C29
1µF
Pin 27
10nF
C30
TCK
GND
VDD_HV_IO_MAIN
PD[0..15]
1nF
C49
VDD_HV_FLA
TP4
Pin 38
VDD_HV_ADV
Open
C10
10nF
3
Pin 20
Pin 57
PF3 EM-Ch2 LINFlex2-Tx WKPU-Int9 REQ5
25
SB2
Closed
62
10nF
C12
R4
VDD_HV_IO_MAIN
10k
6
GND
VDD_HV_IO_MAIN
TP2
VDD_HV_IO_MAIN
29
VDD_HV_FLA
PI1
PI2
PI3
PI4
PI6
PI7
TDO
TMS
TDI
TCK
2
PI6 AN49
18
PA8 JTAG_TDI
PA9 JTAG_TDO
52
1
SPC582Bx__Chorus_64
GND
18p
VDD_HV_OSC
VDD_LV
C16
100nF
VDD_HV_IO_MAIN
PORST
C50
10nF
SB30
Open
R1
10k
SB4
Closed
Pin 11
61
GND
40
GND_ OSC
TestMode
VDD_HV_OSC
TP1
30
54
GND
R5
10k
VDD_HV_IO_MAIN
10nF
C18
PA1
PA2
TDO
PA10
PB8
PB9
PA11
PB10
PB11
C39
1nF
PI7 AN50
46
Ext_CLK
23
VDD_HV_FLEX
C25
100nF
PA7 JTAG_TMS
39
GND_ ADV
31
GND
59
GND
VDD_HV_OSC
TESTMODE
VDD_HV_ADV
64
PE[2..11]
PM14
VDD_HV _ADV Capacitors
TDO
100nF
C28
Pin 33
10nF
C40
Pin 47
PI[1..7]
PG[10..12]
PH4 EM-Ch19 DSPI3-CS1
PG10 AN55
PG11 EM-Ch19 DSPI0-SCK AN57
PG12 EM-Ch20 DSPI0-MOSI AN58
13
PI3 AN39
16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com