Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5-STUDIO Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPC5-STUDIO
Description  MCU discovery board for SPC5 Chorus 1M automotive microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-STUDIO Datasheet(HTML) 6 Page - STMicroelectronics

  SPC5-STUDIO Datasheet HTML 1Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 2Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 3Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 4Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 5Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 6Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 7Page - STMicroelectronics SPC5-STUDIO Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 4. AEK-MCU-C1MLIT1 circuit schematic (4 of 4)
C119
4u7
GND
5
GND_USB
SN74LVC1T45DCK
100nF
C106
C121
SB7
TDO
TMS
TDI
TCK
JCOMP
GND_USB
BDBUS1
39
GND_USB
LVDD
V_CORE
LVDD
2
1
VCCA
GND
51
GND_USB
LED_1
LED_2
Header 2x1
USERID_1
TMS_DIR
C124
GND_USB
5V
+5V
+5V
C107
100nF
C113
Ferrite Bead
SB32
USERID0
ADBUS1
17
18p
GND
47
PA2
USERID_1
EEDATA
USERID_0
Closed
1.8V
5
DIR
ACBUS1
27
5
Vbus
J_VIN
Closed
4u7
ID
4
100nF
C112
GND_USB
3V3
SB25
C109
SB13
TCK_USB
TDO_USB
TDI_USB
TMS_USB
BCBUS3
54
TCK_O
Not Mounted
3
3
A1
2
LED_1
TRST#_O
SRST#_O
SRST#_DIR
GND
C118
3
DIR
5
+5V
4u7
R103
GND
5
R104 10R
10R
GND_USB
1
I/O1
2
5V_USB
ADBUS0
16
1.8V
BCBUS0
48
USB_TX
L103
VCC
8
U108
LVDD
M93S46XS
X1
ACBUS2
28
GND_USB
100nF
SCL
2
ADBUS5
TRST#_USB
PORST
LVDD
SN74LVC2T45DCTR
A
GND
VREGOUT
49
USBD+
3
R102
12k
EEDATA
4
A2
GND
1
VCCA
Not Mounted
0R
R111
DI
3
B2
6
U101
VCIO
LVDD
A1
2
USB_Port_B
13
2
TCK_USB
GND
1
BDBUS3
41
PA1
L104
6
REF
GND_USB
ADBUS5
22
VCCB
6
DO
4
RESET#
GND
15
VCORE
37
R105
5V_USB
Option
VCIO
LVDDVCIO
ACBUS3
29
62
63
EEC
EEC
EEDA
S
LK
TA
BCBUS7
59
BDBUS6
45
SB22
9
VPLL
Closed
SB31
SB9
Closed
LED_2
100nF
C110
JCOMP
TP101
R115
4k7
EECS
GND_USBEECS
EECLK
GND_USB
TDO_ITDO_USB
USB_TX
USB_RXRX_USB
RX_USB
TX_USB
USBLC6-2P6
USBD-
2
BDBUS4
43
BCBUS5
57
0R
LVDD
R110
470
ADBUS4
21
GND_USB
GND_USB
5V_USB
USB -
USB +
3
BDBUS2
40
TMS
ACBUS4
30
GND_USB
VCIO
5
DIR
GND_USB
Red
D102
J_VIN
Ferrite Bead
R101
0R
GND
11
100nF
C108
BDBUS7
46
ACBUS7
34
60
PWREN#
TEST
14
2
C117
R116
2k2
VCIO
15k
R109
TDI
1
V_USB
D1103
2
BDBUS5
44
VPHY
R112
SB8
Closed
SRST#_USB
BCBUS6
58
100nF
4
Vout
USERID_0
U109 LD1117S33TR
B
4
U104
VPLL
2
VCCB
8
B2
6
U103
SN74LVC2T45DCTR
100nF
P102
GND
25
GND_USB
LVDD
A1
2
SB10 Closed
Vout
2
B
4
U107
V_CORE
4u7
TX_USB
TP100
LVDD
+3.3V (LVDD)
LED_1USERID0
LED_2USERID1
Option
ACBUS6
33
4
A2
GND
VCORE
12
VCORE
64
U106
TDO
Closed
PRE
7
GND
LVDD
Closed
B1
7
12MHZ
VCCB
8
SN74LVC2T45DCTR
C114
1
GND_USB
VCCIO
42
VCIO
SRST#_DIR
SRST#_OSRST#_USB
TRST#_USB
BCBUS1
52
BCBUS4
55
USERID1
Not Mounted
LVDD
Not Mounted
R107
470
DIR
5
1
GND_USB
10nF
C104
VCCIO
31
GND
CH-GND
9
GND
35
GND_USB
ADBUS6
23
5
DIR
1
VCCA
100nF
C116
SB23
VCCIO
20
3
I/O
GND
2I/O2
6
I/O1
U110
4
C122
100nF
WE
6
4k7
LVDD
Green
TCK
VCIO
TCK_O
TDI_O
TDO_I
TMS_IO
TMS_IO
RTCK_I
SUSPEND#
36
V_CORE
2
1
VCCAVCCB
6
VDD_HV_IO_MAIN
GND_USB
4k7
3
Vin
SB24
Closed
Closed
TRST#_O
3
VCCIO
56
BCBUS2
53
R113
CH-GND
8
ACBUS5
32
VCIO
R117
4k7
5V_USB
C125
100nF
100nF
C111
GND
5
BDBUS0
38
GND_USB
RX_USB
ADBUS7
24
SB11
Closed
FTDI2232
GND_USB
LVDD
EEPRE
EEWRE
EEDATA
VPHY
EECLK
VPLL
USB_OSCI
USB_RX
USB_OSCO
AGND
10
VCCB
8
SN74LVC1T45DCK
GND_USB
1
CS
4
A2
GND
1
VCCA
CH-GND
6
B1
7
B2
6
U102
61
100nF
C115
L101L102
C123
18p
VREGIN
50
ADBUS3
19
A
GND
GND_USB
C120
100nF
R114
4k7
VCIO
JP1
CH-GND
7
ADBUS2
18
LVDDVCIO
TMS_DIR
TMS_USBTMS_IO
VCIO
TDI_USBTDI_O
LVDD
Closed
SB12
ACBUS0
26
3
OSCI
OSCO
VPHY
4
R106
Red
D101
100nF
C105
B1
7
TX_USB
470
7
8
DP
DM
Closed



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com