Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM8804
Description  48 V flyback converter 12 V ??5 A based on PM8804
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804 Datasheet(HTML) 1 Page - STMicroelectronics

  PM8804 Datasheet HTML 1Page - STMicroelectronics PM8804 Datasheet HTML 2Page - STMicroelectronics PM8804 Datasheet HTML 3Page - STMicroelectronics PM8804 Datasheet HTML 4Page - STMicroelectronics PM8804 Datasheet HTML 5Page - STMicroelectronics PM8804 Datasheet HTML 6Page - STMicroelectronics PM8804 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
DC-DC flyback converter based on:
–
PM8804 PWM peak current mode controller, and
–
SRK1000 adaptive synchronous rectification controller
•
Input voltage range 42 – 56 VDC
•
Switching frequency: 200 kHz
•
Output:
–
Power: 60 W
–
Voltage: 12 VDC
–
Current: 5 A
•
Peak efficiency > 92%
•
RoHS compliant
Description
STEVAL-ISA203V1 evaluation board is designed to demonstrate high efficiency DC-
DC conversion with 60 W output (12 V/5 A) from 42 to 56 VDC input (48 V nom.),
which is especially suitable for telecom applications.
The power conversion stage is based on a flyback topology managed by the PM8804
controller, which features all the integrated circuitry necessary for a compact and
efficient 48 V converter. The highly configurable controller includes a programmable
oscillator for switching frequency regulation up to 1 Mhz, adjustable slope
compensation, dual complementary low-side drivers with programmable dead time,
programmable soft start, soft turn off and a programmable current sense blanking
time.
The secondary side employs the SRK1000 adaptive synchronous rectification
controller for flyback converters.
Product summary
48 V flyback converter
12 V – 5 A based on
PM8804
STEVAL-
ISA203V1
PWM peak current
mode controller for PoE
and telecom systems
PM8804
Adaptive synchronous
rectification controller
for flyback converter
SRK1000
N-channel 80 V, 3.0 mΩ
typ., 120 A STripFET F7
Power MOSFET in
PowerFLAT 5x6
package
STL130N8F7
Application
Server &
Telecom Power
48 V flyback converter 12 V – 5 A based on PM8804
STEVAL-ISA203V1
Data brief
DB4096 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - PM8804

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8804 STMICROELECTRONICS-PM8804 Datasheet
818Kb / 27P
PWM peak current mode controller for PoE and telecom systems
22-Mar-2018
PM8804TR STMICROELECTRONICS-PM8804TR Datasheet
818Kb / 27P
PWM peak current mode controller for PoE and telecom systems
22-Mar-2018
More results

Similar Description - PM8804

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
logo
ON Semiconductor
AND8099 ONSEMI-AND8099 Datasheet
215Kb / 8P
5.0 V, 2.0 A Flyback Converter
February, 2003 - Rev. 2
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-VP22201B STMICROELECTRONICS-STEVAL-VP22201B Datasheet
264Kb / 6P
5 V - 360 mA buck converter based on VIPer222XSTR
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com