Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 244 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 244 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 240Page - STMicroelectronics STM32MP151F Datasheet HTML 241Page - STMicroelectronics STM32MP151F Datasheet HTML 242Page - STMicroelectronics STM32MP151F Datasheet HTML 243Page - STMicroelectronics STM32MP151F Datasheet HTML 244Page - STMicroelectronics STM32MP151F Datasheet HTML 245Page - STMicroelectronics STM32MP151F Datasheet HTML 246Page - STMicroelectronics STM32MP151F Datasheet HTML 247Page - STMicroelectronics STM32MP151F Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 253 page
background image
Package information
STM32MP151C/F
244/253
DS12501 Rev 3
7.4
LFBGA448 package information
This LFBGA is a 448 balls, 18x18 mm, 0.8 mm pitch, low profile fine pitch ball grid array
package.
Figure 73. LFBGA - Outline
1. Drawing is not to scale.
2. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each
ball must lie simultaneously in both tolerance zones.
Table 120. LFBGA - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.270
-
-
0.0500
A1
0.250
0.290
0.330
0.0098
0.0114
0.0130
A2
0.790
0.880
0.970
0.0311
0.0346
0.0382
A3
0.240
0.28
0.320
0.0094
0.0110
0.0126
A4
0.550
0.600
0.650
0.0217
0.0236
0.0256
B032_LFBGA448_ME_V1
K
H
D
A
B
C
E
F
G
J
L
M
N
P
R
U
T
V
W
Y
AA
AB
A
1
2
3
4
5
6
7
8
9
10
11
12
15
13
14
16
17
18
19
20
21
22
D
E
F
B
E1
F
D1
e
e
A1 corner index area
b (448 Balls)
eee
C A B
C
fff
A4 A3
A2
A
A1
C
SEATING
PLANE
BOTTOM VIEW
TOP VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com