Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 247 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 247 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 243Page - STMicroelectronics STM32MP151F Datasheet HTML 244Page - STMicroelectronics STM32MP151F Datasheet HTML 245Page - STMicroelectronics STM32MP151F Datasheet HTML 246Page - STMicroelectronics STM32MP151F Datasheet HTML 247Page - STMicroelectronics STM32MP151F Datasheet HTML 248Page - STMicroelectronics STM32MP151F Datasheet HTML 249Page - STMicroelectronics STM32MP151F Datasheet HTML 250Page - STMicroelectronics STM32MP151F Datasheet HTML 251Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 253 page
background image
DS12501 Rev 3
247/253
STM32MP151C/F
Package information
248
7.5
Thermal characteristics
Package thermal characteristics in Table 122 are specified with conditions as per JEDEC
JESD51-6, JESD51-8, JESD51-9, and JESD51-12. These typical values will vary in function
of board thermal characteristics and other components on the board.
ΘJA :
Thermal resistance junction-ambient.
ΘJB:
Thermal resistance junction-board.
ΘJC:
Thermal resistance junction-top-case.
Θjb:
Thermal parameter junction-board.
Ψjt:
Thermal parameter junction-top-case.
Motherboard type: four layers, JEDEC 2S2P
Table 122. Thermal characteristics
Symbol
Parameter
Value
Unit
Natural convection
1m/s (200 ft/mn)
ΘJA(1)
TFBGA257 - 257-ball 10x10 mm 0.50/0.65 mm pitch
36.079
31.79
°C/W
TFBGA361 - 361-ball 12x12 mm 0.50/0.65 mm pitch
35.151
30.953
LFBGA354 - 354-ball 16x16 mm 0.80 mm pitch
34.145
30.121
LFBGA448 - 448-ball 18x18 mm 0.80 mm pitch
28.545
24.797
ΘJB(2)
TFBGA257 - 257-ball 10x10 mm 0.50/0.65 mm pitch
19.487
°C/W
TFBGA361 - 361-ball 12x12 mm 0.50/0.65 mm pitch
20.555
LFBGA354 - 354-ball 16x16 mm 0.80 mm pitch
22.038
LFBGA448 - 448-ball 18x18 mm 0.80 mm pitch
17.409
ΘJC(3)
TFBGA257 - 257-ball 10x10 mm 0.50/0.65 mm pitch
10.768
°C/W
TFBGA361 - 361-ball 12x12 mm 0.50/0.65 mm pitch
10.049
LFBGA354 - 354-ball 16x16 mm 0.80 mm pitch
9.675
TLFBGA448 - 448-ball 18x18 mm 0.80 mm pitch
8.439
Ψjb (4)
TFBGA257 - 257-ball 10x10 mm 0.50/0.65 mm pitch
18.949
18.332
°C/W
TFBGA361 - 361-ball 12x12 mm 0.50/0.65 mm pitch
20.002
19.398
LFBGA354 - 354-ball 16x16 mm 0.80 mm pitch
21.456
20.894
LFBGA448 - 448-ball 18x18 mm 0.80 mm pitch
16.946
16.574
Ψjt (5)
TFBGA257 - 257-ball 10x10 mm 0.50/0.65 mm pitch
0.383
0.812
°C/W
TFBGA361 - 361-ball 12x12 mm 0.50/0.65 mm pitch
0.354
0.735
LFBGA354 - 354-ball 16x16 mm 0.80 mm pitch
0.339
0.658
LFBGA448 - 448-ball 18x18 mm 0.80 mm pitch
0.297
0.542
1. Per JEDEC JESD51-9
2. Per JEDEC JESD51-8
3. Per JEDEC JESD51-12 best practice guidelines
4. Per JEDEC JESD51-12.
5. Per JEDEC JESD51-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com