Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 250 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 250 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 245Page - STMicroelectronics STM32MP151F Datasheet HTML 246Page - STMicroelectronics STM32MP151F Datasheet HTML 247Page - STMicroelectronics STM32MP151F Datasheet HTML 248Page - STMicroelectronics STM32MP151F Datasheet HTML 249Page - STMicroelectronics STM32MP151F Datasheet HTML 250Page - STMicroelectronics STM32MP151F Datasheet HTML 251Page - STMicroelectronics STM32MP151F Datasheet HTML 252Page - STMicroelectronics STM32MP151F Datasheet HTML 253Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 250 / 253 page
background image
Revision history
STM32MP151C/F
250/253
DS12501 Rev 3
9
Revision history
Table 124. Document revision history
Date
Revision
Changes
08-Feb-2019
1
Initial release.
01-Aug-2019
2
Updated ADC characteristics on cover page.
Updated Table 1: STM32MP151C/F features and
peripheral counts
Updated Section 3.7.1: Power supply scheme.
Updated Table 7: STM32MP151C/F pin and ball
definitions.
Updated Table 8: Alternate function AF0 to AF7.
Updated Table 10: Voltage characteristics.
Updated Table 13: General operating conditions.
Updated Table 14: Operating conditions at power-up /
power-down.
Updated Table 15: Embedded reset and power control
block characteristics.
Updated Figure 13: VDDCORE rise time from reset.
Updated Table 15: Embedded reset and power control
block characteristics.
Updated Table 16: Embedded reference voltage.
Updated Table 18: REG1V1 embedded regulator
(USB_PHY) characteristics.
Updated Table 19: REG1V8 embedded regulator (USB)
characteristics.
Updated Table 20: Current consumption (IDDCORE) in
Run mode.
Updated Table 21: Current consumption (IDD) in Run
mode.
Updated Table 22: Current consumption in Stop mode.
Updated Table 23: Current consumption in LPLV-Stop
mode.
Updated Table 25: Current consumption in VBAT mode.
Updated Table 28: High-speed external user clock
characteristics (digital bypass).
Updated Table 29: High-speed external user clock
characteristics (analog bypass).
Added Table 30: Low-speed external user clock
characteristics (analog bypass).
Added Figure 17: Low-speed external clock source AC
timing diagram (analog bypass).
Updated Table 32: 8-48 MHz HSE oscillator
characteristics.
Updated Figure 19: Typical application with a 24 MHz
crystal.
Updated Figure 20: Typical application with a
32.768 kHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com