Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 251 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 251 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 245Page - STMicroelectronics STM32MP151F Datasheet HTML 246Page - STMicroelectronics STM32MP151F Datasheet HTML 247Page - STMicroelectronics STM32MP151F Datasheet HTML 248Page - STMicroelectronics STM32MP151F Datasheet HTML 249Page - STMicroelectronics STM32MP151F Datasheet HTML 250Page - STMicroelectronics STM32MP151F Datasheet HTML 251Page - STMicroelectronics STM32MP151F Datasheet HTML 252Page - STMicroelectronics STM32MP151F Datasheet HTML 253Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 251 / 253 page
background image
DS12501 Rev 3
251/253
STM32MP151C/F
Revision history
252
01-Aug-2019
2
(continued)
Updated Table 35: HSI oscillator characteristics.
Updated Table 36: CSI oscillator characteristics.
Updated Table 37: LSI oscillator characteristics.
Updated Table 38: PLL1_1600, PLL2_1600
characteristics.
Updated Table 35: HSI oscillator characteristics.
Updated Table 36: CSI oscillator characteristics.
Updated Table 37: LSI oscillator characteristics.
Updated Table 38: PLL1_1600, PLL2_1600
characteristics.
Updated Table 39: PLL3_800, PLL4_800
characteristics.
Updated Table 40: USB_PLL characteristics.
Updated Table 46: EMI characteristics.
Updated Table 47: ESD absolute maximum ratings.
Updated Section : Static latchup
Updated Table 49: I/O current injection susceptibility.
Updated Table 50: I/O static characteristics.
Updated Table 51: Output voltage characteristics for all
I/Os except PC13, PC14, PC15 and PI8.
Added Table 52: Output voltage characteristics for
PC13, PC14, PC15 and PI8.
Updated Table 53: Output timing characteristics (HSLV
OFF).
Added Figure 23: VIL/VIH for FT I/Os.
Updated Table 74: ADC characteristics.
Updated Table 75: Minimum sampling time versus RAIN
with 47 pF PCB capacitor up to 125 °C and VDDA =
1.6 V.
Updated Table 78: DAC characteristics.
Updated Table 83: DTS characteristics.
Updated Table 84: VBAT ADC monitoring characteristics.
Updated Table 86: Temperature and VBAT monitoring
characteristics for temper detection.
Added Section 6.3.31: Compensation cell.
Updated Table 96: I2C analog filter characteristics.
Added Section 6.3.38: USB High-Speed PHY
characteristics.
Added Section 7.5: Thermal characteristics.
04-Feb-2020
3
Introduced STM32MP151F corresponding to the
800 MHz upgrade of the microprocessor, in all the
document.
Updated Table 1: STM32MP151C/F features and
peripheral counts.
Updated Figure 1: STM32MP151C/F block diagram.
Updated Table 4: Timer feature comparison.
Table 124. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com