Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151F Datasheet(PDF) 249 Page - STMicroelectronics

Part # STM32MP151F
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog, crypto
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151F Datasheet(HTML) 249 Page - STMicroelectronics

Back Button STM32MP151F Datasheet HTML 245Page - STMicroelectronics STM32MP151F Datasheet HTML 246Page - STMicroelectronics STM32MP151F Datasheet HTML 247Page - STMicroelectronics STM32MP151F Datasheet HTML 248Page - STMicroelectronics STM32MP151F Datasheet HTML 249Page - STMicroelectronics STM32MP151F Datasheet HTML 250Page - STMicroelectronics STM32MP151F Datasheet HTML 251Page - STMicroelectronics STM32MP151F Datasheet HTML 252Page - STMicroelectronics STM32MP151F Datasheet HTML 253Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 249 / 253 page
background image
DS12501 Rev 3
249/253
STM32MP151C/F
Ordering information
249
8
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 123. STM32MP151C/F ordering information scheme
Example:
STM32
MP
151
F
AA
1
T
Device family
STM32 = Arm-based 32-bit processor
Product type
MP = MPU product
Device subfamily
151 = STM32MP151 Line
Security option
C = Secure boot, cryptography hardware, 650 MHz
F = Secure boot, cryptography hardware, 800 MHz
Package and pin count
AD = TFBGA257 10x10, 257 balls pitch 0.5 mm
AB = LFBGA354 16x16, 354 balls pitch 0.8 mm
AC = TFBGA361 12x12, 361 balls pitch 0.5 mm
AA = LFBGA448 18x18, 448 balls pitch 0.8 mm
Junction temperature range
1 = -20 °C < TJ < +105 °C
3 = -40 °C < TJ < +125 °C
Packing
T = tape and reel
No character = tray or tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com