Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 123Page - STMicroelectronics STM32MP153F Datasheet HTML 124Page - STMicroelectronics STM32MP153F Datasheet HTML 125Page - STMicroelectronics STM32MP153F Datasheet HTML 126Page - STMicroelectronics STM32MP153F Datasheet HTML 127Page - STMicroelectronics STM32MP153F Datasheet HTML 128Page - STMicroelectronics STM32MP153F Datasheet HTML 129Page - STMicroelectronics STM32MP153F Datasheet HTML 130Page - STMicroelectronics STM32MP153F Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 254 page
background image
DS12503 Rev 3
127/254
STM32MP153C/F
Electrical characteristics
233
Figure 14. VDDCORE rise time from LPLV-Stop
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 15 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 13: General operating
conditions.
MSv47499V2
VDDCORE
t
PWR_LP
tSEL_VDDCORETEMPO
VDDCORE should be above
VDDCORE Min at the end of
tSEL_VDDCORETEMPO
VPVDCORE_1 (falling edge)
Run mode
VDDCORE Min = VPVDCORE_1 Min (falling edge) + tVSEL_VDDCORETEMPO Min / tVDDCORE Max
average rise time rate should be less than
tVDDCORE Max (from LPLV-Stop to Run
mode)
V
VDDCORE Min
Wait
LPLV-
Stop
mode
Table 15. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(1)
Reset temporization. after
BOR0 released
-
-
377
550
µs
VBOR0(1)
Brown-out reset threshold 0
Rising edge
1.62
1.67
1.71
V
Falling edge
1.58
1.63
1.67
VBOR1
Brown-out reset threshold 1
Rising edge
2.055
2.1
2.145
V
Falling edge
1.955
2
2.045
VBOR2
Brown-out reset threshold 2
Rising edge
2.355
2.4
2.445
V
Falling edge
2.255
2.3
2.345
VBOR3
Brown-out reset threshold 3
Rising edge
2.655
2.7
2.745
V
Falling edge
2.555
2.6
2.645
VPVD0
Programmable Voltage
Detector threshold 0
Rising edge
1.905
1.95
1.995
V
Falling edge
1.805
1.85
1.895



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com