Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 124Page - STMicroelectronics STM32MP153F Datasheet HTML 125Page - STMicroelectronics STM32MP153F Datasheet HTML 126Page - STMicroelectronics STM32MP153F Datasheet HTML 127Page - STMicroelectronics STM32MP153F Datasheet HTML 128Page - STMicroelectronics STM32MP153F Datasheet HTML 129Page - STMicroelectronics STM32MP153F Datasheet HTML 130Page - STMicroelectronics STM32MP153F Datasheet HTML 131Page - STMicroelectronics STM32MP153F Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 254 page
background image
Electrical characteristics
STM32MP153C/F
128/254
DS12503 Rev 3
VPVD1
Programmable Voltage
Detector threshold 1
Rising edge
2.055
2.1
2.145
V
Falling edge
1.955
2
2.045
VPVD2
Programmable Voltage
Detector threshold 2
Rising edge
2.205
2.25
2.295
V
Falling edge
2.105
2.15
2.195
VPVD3
Programmable Voltage
Detector threshold 3
Rising edge
2.355
2.4
2.445
V
Falling edge
2.255
2.3
2.345
VPVD4
Programmable Voltage
Detector threshold 4
Rising edge
2.505
2.55
2.595
V
Falling edge
2.405
2.45
2.495
VPVD5
Programmable Voltage
Detector threshold 5
Rising edge
2.655
2.7
2.745
V
Falling edge
2.555
2.6
2.645
VPVD6
Programmable Voltage
Detector threshold 6
Rising edge
2.805
2.85
2.895
V
Falling edge in
RUN mode
2.705
2.75
2.795
Vhyst_BOR0
Hysteresis voltage of BOR0
Hysteresis in
RUN mode
-
40
-
mV
Vhyst_BOR
Hysteresis voltage of BOR
Unless BOR0
-
100
-
mV
Vhyst_BOR_PVD
Hysteresis voltage of BOR
(unless BOR0) and PVD(2)
Hysteresis in
RUN mode
-
100
-
mV
IDD_BOR_PVD(1)(3)
BOR (unless BOR0) and PVD
consumption from VDD
-
0.246
-
0.626
µA
VAVM_0
Analog voltage (VDDA) detector
threshold 0
Rising edge
1.655
1.7
1.745
V
Falling edge
1.555
1.6
1.645
VAVM_1
Analog voltage (VDDA) detector
threshold 1
Rising edge
2.055
2.1
2.145
V
Falling edge
1.955
2
2.045
VAVM_2
Analog voltage (VDDA) detector
threshold 2
Rising edge
2.455
2.5
2.545
V
Falling edge
2.355
2.4
2.445
VAVM_3
Analog voltage (VDDA) detector
threshold 3
Rising edge
2.755
2.8
2.845
V
Falling edge
2.655
2.7
2.745
Vhyst_VDDA
Hysteresis of analog voltage
(VDDA) detector
-
-
100
-
mV
IVDD_AVM(1)
Analog Voltage Monitoring
(VDDA) consumption on VDD
-
-
-
0.248
µA
IVDDA_AVM(1)
Analog Voltage Monitoring
(VDDA) consumption on VDDA
Resistor bridge
-
2.12
-
µA
VPVDCORE_0(4)
Digital core domain supply
voltage (VDDCORE) detector
threshold 0 (Run)
Rising edge
0.95
0.995
1.04
V
Falling edge
0.91
0.955
1
Table 15. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com