Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153F Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32MP153F
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153F Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32MP153F Datasheet HTML 125Page - STMicroelectronics STM32MP153F Datasheet HTML 126Page - STMicroelectronics STM32MP153F Datasheet HTML 127Page - STMicroelectronics STM32MP153F Datasheet HTML 128Page - STMicroelectronics STM32MP153F Datasheet HTML 129Page - STMicroelectronics STM32MP153F Datasheet HTML 130Page - STMicroelectronics STM32MP153F Datasheet HTML 131Page - STMicroelectronics STM32MP153F Datasheet HTML 132Page - STMicroelectronics STM32MP153F Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 254 page
background image
DS12503 Rev 3
129/254
STM32MP153C/F
Electrical characteristics
233
6.3.4
Embedded reference voltage
The parameters given in Table 16, Table 17 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 13: General operating
conditions.
VPVDCORE_1(5)
Digital core domain supply
voltage (VDDCORE) detector
threshold 1 (LPLV_Stop)
Falling edge
0.71
0.755
0.8
V
Vhyst_VDDCORE
Hysteresis of Digital core
domain supply voltage
(VDDCORE) detector
-
-
40
-
mV
tVDDCORETEMPO
Tempo on VPVDCORE_0 at
rising edge of VDDCORE to
ensure that VDDCORE is fully
established
-
200
340
550
µs
tSEL_VDDCORETE
MPO
Tempo on VPVDCORE_1 at rising
edge of VDDCORE to ensure that
VDDCORE is fully established on
exit of LPLV-Stop mode
-
234
380
606
µs
IVDD_VDDCOREVM
(1)
VDDCORE Voltage Monitoring
consumption on VDD
-
1.7
2.6
4.2
µA
USB_VTH
USB Threshold voltage
-
-
1.21
-
V
1. Guaranteed by design.
2. No hysteresis when using PVD_IN pin.
3. BOR0 is enabled in all modes and its consumption is therefore included in the supply current characteristics tables.
4. During the first rising edge of VDDCORE, the slope should be less than 2 ms/V to ensure VDDCORE is fully established before
the end of the tVDDCORETEMPO.
5. When exiting from LPLV-Stop mode to RUN mode the rising slope for VDDCORE should be less than 1 ms/V to ensure
VDDCORE is fully established before the end of the tVDDCORETEMPO.
Table 15. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 16. Embedded reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltages
-40 °C < TJ < 125 °C
1.175
1.210
1.241
V
tS_vrefint(1)(2)
ADC sampling time when
reading the internal reference
voltage
-
4.3
-
-
µs
tS_vbat(1)
VBAT sampling time when
reading the internal VBAT
reference voltage
-
9.8
-
-
tstart_vrefint
Start time of reference voltage
buffer when ADC is enable
-
0.8
-
4.6
Irefbuf(2)
Reference Buffer consumption
for ADC
VDDA = 3.3 V
9.1
13.6
27.7
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com