Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT20303HT1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMT20303HT1
Description  3-Bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMT20303HT1 Datasheet(HTML) 2 Page - NXP Semiconductors

  MMT20303HT1 Datasheet HTML 1Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 2Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 3Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 4Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 5Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 6Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 7Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 8Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMT20303HT1
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
RF Input Power
Pin
30
dBm
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–40 to +85
C
Junction Temperature
TJ
175
C
Table 3. Electrical Characteristics (VDD = 5 Vdc, 900 MHz, TA =25C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Insertion Loss 1 (50–900 MHz)
IL1
—
0.6
1.0
dB
Insertion Loss 2 (1000–2500 MHz)
IL2
—
0.8
—
dB
Insertion Loss 3 (2500–4000 MHz)
IL3
—
1.2
—
dB
Input Return Loss (S11)
IRL
—
20
—
dB
Output Return Loss (S22)
ORL
—
20
—
dB
Attenuation Control Maximum Range
R
—
7
—
dB
Attenuation Step
R
—
1
—
dB
Attenuation Accuracy
—
—
0.1
0.25
dB
Turn--on Time
ton
—
60
—
ns
Turn--off Time
toff
—
100
—
ns
Power Output @ 1dB Compression
P1dB
—
35
—
dBm
Third Order Input Intercept Point @ 5 V
IIP35
—
50
—
dBm
Third Order Input Intercept Point @ 3 V
IIP33
—
50
—
dBm
Max Input Voltage Logic Low @ 100 A, 3 V
VIL
—
—
0.8
V
Min Input Voltage Logic High @ 100 A, 3 V
VIH
2.3
—
—
V
Supply Current @ 5 V
IDD
—
2
3
mA
Table 4. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1A
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 5. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
1
260
C
Table 6. Ordering Information
Device
Tape and Reel Information
Package
MMT20303HT1
T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel
QFN 3  3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com