Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT20303HT1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMT20303HT1
Description  3-Bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMT20303HT1 Datasheet(HTML) 5 Page - NXP Semiconductors

  MMT20303HT1 Datasheet HTML 1Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 2Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 3Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 4Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 5Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 6Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 7Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 8Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MMT20303HT1
5
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 50–4000 MHz, 5 VOLT OPERATION
Figure 4. MMT20303HT1 Test Circuit Component Layout
b0
b1
Com
b2
C4
C1
C2
C3
R1
RFOUT
RFIN
QFN 33 16A
Rev. 1
J1
J2
J3
PCB actual size: 1.25 1.62.
Table 9. MMT20303HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C4
0.1 F Chip Capacitors
GRM155R61A104KA01D
Murata
C3
3300 pF Chip Capacitor
GRM1557U1A332JA01D
Murata
J1, J2, J3
3--pin Header
22--28--8360
Molex
R1
1000 , 1/16 W Chip Resistor
RC0402FR--071KL
Yageo
PCB
Rogers RO4350B, 0.010, r =3.66
M60818
MTL
(Test Circuit Component Designations and Values table repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com