Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT20303HT1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMT20303HT1
Description  3-Bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMT20303HT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMT20303HT1 Datasheet HTML 3Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 4Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 5Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 6Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 7Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 8Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 9Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 10Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MMT20303HT1
7
RF Device Data
Freescale Semiconductor, Inc.
50 OHM APPLICATION CIRCUIT: 50–4000 MHz, 5 VOLT OPERATION
Figure 7. S11 versus Frequency
–40
–10
0
f, FREQUENCY (MHz)
–20
–25
–30
–35
–15
1000
2000
4000
3000
VDD =5 Vdc
Figure 8. S22 versus Frequency
–40
–10
0
f, FREQUENCY (MHz)
–20
–25
–30
–35
–15
1000
2000
4000
3000
VDD =5 Vdc
State = 111
State = 011
State = 110
State = 101
State = 111
State = 000
State = 110
State = 101
State = 011
State = 000
–8
1
–1
–2
–4
–5
f, FREQUENCY (MHz)
0
–3
–6
0
1000
2000
4000
3000
VDD =5 Vdc
–7
State = 111
State = 011
State = 101
State = 110
State = 000
Attenuation Error Due to Temperature
Major Setting
Temperature
Range
Attenuation due
to Temperature
0dB
–40Cto85C
0dB
1dB
0.08 dB
2dB
0.08 dB
4dB
0.08 dB
7dB
0.20 dB
Figure 9. Attenuation versus Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com