Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT20303HT1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMT20303HT1
Description  3-Bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMT20303HT1 Datasheet(HTML) 3 Page - NXP Semiconductors

  MMT20303HT1 Datasheet HTML 1Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 2Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 3Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 4Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 5Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 6Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 7Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 8Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MMT20303HT1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 7. Functional Pin Description
Pin Number
Pin Function
Pin Description
1, 3, 4, 5, 8,
9, 10, 12
N.C.
No Connection
2
RFin
RF Input
6, 7
ACG (1)
AC Ground
11
RFout
RF Output
13
b0
Attenuator Bit 0 (active low)
14
b1
Attenuator Bit 1 (active low)
15
b2
Attenuator Bit 2 (active low)
16
VDD
Supply Voltage
1. AC ground connection for operation below 700 MHz.
Table 8. Logic Truth Table
b2
b1
b0
State
Attenuation
(dB)
H
H
H
111
0
L
H
H
011
1
H
L
H
101
2
L
L
H
001
3
H
H
L
110
4
L
H
L
010
5
H
L
L
100
6
L
L
L
000
7
(Top View)
1
2
3
16
4
RFin
N.C.
15
b0
14
13
56
7
8
12
11
10
9 N.C.
N.C.
N.C.
N.C.
RFout
N.C.
Figure 2. Pin Connections
N.C.
VDD
Note: Exposed backside of the package is DC and
RF ground. N.C. can be connected to GND.
b1
b2
N.C. ACG1 ACG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com