Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMT20303HT1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMT20303HT1
Description  3-Bit Digital Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMT20303HT1 Datasheet(HTML) 4 Page - NXP Semiconductors

  MMT20303HT1 Datasheet HTML 1Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 2Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 3Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 4Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 5Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 6Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 7Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 8Page - NXP Semiconductors MMT20303HT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMT20303HT1
50 OHM APPLICATION CIRCUIT: 50–4000 MHz, 5 VOLT OPERATION
16
15
14
13
1
2
3
4
5
6
7
8
12
11
10
9
C1
RF
INPUT
C2
RF
OUTPUT
C3
VDD
R1
C4
b1
b2
b0
Figure 3. MMT20303HT1 Test Circuit Schematic
VCTL
Table 9. MMT20303HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2, C4
0.1 F Chip Capacitors
GRM155R61A104KA01D
Murata
C3
3300 pF Chip Capacitor
GRM1557U1A332JA01D
Murata
J1, J2, J3
3--pin Header
22--28--8360
Molex
R1
1000 , 1/16 W Chip Resistor
RC0402FR--071KL
Yageo
PCB
Rogers RO4350B, 0.010, r =3.66
M60818
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com