Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812SMS-R10JLC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 1812SMS-R10JLC
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

1812SMS-R10JLC Datasheet(HTML) 5 Page - NXP Semiconductors

  1812SMS-R10JLC Datasheet HTML 1Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 2Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 3Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 4Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 5Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 6Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 7Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 8Page - NXP Semiconductors 1812SMS-R10JLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MRFX600H MRFX600HS MRFX600GS
5
RF Device Data
NXP Semiconductors
87.5–108 MHz BROADBAND REFERENCE CIRCUIT – 2.9 4.7 (7.3 cm  12.0 cm)
Table 7. 87.5–108 MHz Broadband Performance (In NXP Reference Circuit, 50 ohm system)
IDQ(A+B) = 250 mA, Pin =5 W, CW
Frequency
(MHz)
VDD
(V)
Pout
(W)
Gps
(dB)
D
(%)
87.5
62
705
21.5
80.0
98
62
680
21.3
83.0
108
62
650
21.2
82.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com